Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 53Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 54Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 59Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 60Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
57 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
[1]
Parameters are valid over the whole operating temperature range unless otherwise specified. All voltages
are referenced to VSS unless otherwise specified.
[2]
For the internal voltage multiplier.
15. Static characteristics
VLCD
LCD supply voltage
−0.5
+10
V
Vi
input voltage
−0.5
+6.5
V
VOTPPROG
voltage applied to pad
VOTPPROG
−0.5
+12
V
II
input current
DC level
−10
+10
mA
IO
output current
DC level
−10
+10
mA
ISS
ground supply current
−50
+50
mA
Ptot
total power dissipation
-
300
mW
P/out
power dissipation per output
-
30
mW
Tstg
storage temperature
−65
+150
°C
Table 29.
Limiting values[1] …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 30.
Static characteristics
VDD1 = 1.7 V to 3.3 V; VSS = 0 V; VLCD = 3 V to 9 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDD1
supply voltage 1
general
1.7
-
3.3
V
basic command set; when using
ROM look-up table;
see Section 12.10
2
-
3.3
V
VDD2
supply voltage 2
for internal voltage multiplier
1.8
-
3.3
V
VDD3
supply voltage 3
for internal voltage multiplier
1.8
-
3.3
V
VLCDIN
LCD supply voltage
LCD voltage externally supplied
(voltage multiplier disabled)
3-
9
V
VLCDOUT voltage multiplier output
voltage
LCD voltage internally
generated (voltage multiplier
enabled)
[1] --
9
V
VLCD(tol)
tolerance of generated
VLCD
without calibration
−300
-
+300
mV
with calibration
[2]
−70
-
+70
mV
IDD1
supply current 1
general
[3][4] 0.5
1.5
5
µA
[4][5] 15
25
50
µA
IDD2
supply current 2
for internal voltage multiplier
[3][4] 0
0.5
1
µA
[4][5] 130
150
200
µA
IDD3
supply current 3
for internal voltage multiplier
[3][4] 0
0.5
1
µA
[4][5] 130
150
200
µA
IDD(tot)
total supply current
VDD1 + VDD2 + VDD3
[4][5] 145
175
250
µA
Logic inputs; MF[2:0], VOS[4:0], DS0, EXT, PS[2:0], RES and OSC
Vi
input voltage
VSS − 0.5
VDD1 + 0.5 V
VIL
LOW-level input voltage
VSS
-
0.2VDD1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com