Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 41Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 42Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 43Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 44Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 45Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 46Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 47Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 48Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
45 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
When MX = 1 the display RAM is written from right to left (X = 0 is on the right side and
X=Xmax is on the left side of the display).
The MX bit has an impact on the way the RAM is written to. So if a horizontal mirroring of
the display is desired, the RAM must first be rewritten, after changing the MX bit.
12.5.2 Bit MY
When MY = 1, the display is mirrored vertically. A change to this bit has an immediate
effect on the display.
12.6 Set Y address of RAM
Y[3:0] defines the Y address of the display RAM.
When the icon row (row 79) is enabled it will always be in bank 9 independent of the
multiplex rate which is programmed.
12.7 Set X address of RAM
The X address points to the columns. The range of X is 0 to 127 (7Fh).
12.8 Set display start line
L[6:0] (see Table 11) is used to select the display line address of the display RAM to be
displayed on the initial row, row 0. The selection of L[6:0] is limited to steps of 8. When the
icon row is selected, the selection of L[6:0] is limited to steps of 16. When a partial mode
is selected, the selection of L[6:0] is also limited in steps. In addition, the selection of
L[6:0] = 72 is not allowed when the icon row is enabled or disabled.
The initial row can, in turn, be set by C[6:0]; see Table 11. Row 0 cannot be set to icon row
79 when enabled.
An example of the mapping from the RAM content to the display is shown in Figure 33.
The content of the RAM is not modified. This feature allows, for instance, screen scrolling
without rewriting the RAM.
Table 22.
RAM X/Y address range
Y3
Y2
Y1
Y0
Content
Allowed X range
0000
bank 0 (display RAM)
0 to 127
0001
bank 1 (display RAM)
0 to 127
0010
bank 2 (display RAM)
0 to 127
0011
bank 3 (display RAM)
0 to 127
0100
bank 4 (display RAM)
0 to 127
0101
bank 5 (display RAM)
0 to 127
0110
bank 6 (display RAM)
0 to 127
0111
bank 7 (display RAM)
0 to 127
1000
bank 8 (display RAM)
0 to 127
1001
bank 9 (display RAM)
0 to 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com