Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 67Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 68Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 69Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 70Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 71Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 72Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 73Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 74Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
71 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
18.1.4 OTP architecture
The OTP circuitry in the PCF8811 contains 9 bits of data: 5 for VLCD calibration
(MMVOPCAL), 3 for the temperature coefficient default setting in the basic command set
MMTC and 1 seal bit. The circuitry for 1-bit is called an OTP slice. Each OTP slice
consists of 2 main parts: the OTP cell (a non-volatile memory cell) and the shift register
cell (a flip-flop). The OTP cells are only accessible through their shift register cells: on the
one hand both reading from and writing to the OTP cells is performed with the shift
register cells, on the other hand only the shift register cells are visible to the rest of the
circuit. The basic OTP architecture is shown in Figure 52.
This OTP architecture allows the following operations:
Reading data from the OTP cells — The content of the non-volatile OTP cells is
transferred to the shift register where upon it may affect the PCF8811 operation.
Writing data to the OTP cells — All 9 data bits are shifted into the shift register via the
interface. The content of the shift register is then transferred to the OTP cells. There are
some limitations related to storing data in these cells; see Section 18.1.7.
Checking calibration without writing to the OTP cells — Shifting data into the shift
register allows the effects on the VLCD voltage to be observed.
The reading of data from the OTP cells is initiated by either:
Exit from Power-save mode
The ‘Refresh’ command (power control)
Remark: Note that in both cases the reading operation needs up to 5 ms to complete.
The shifting of data into the shift register is performed in the special mode CALMM. In the
PCF8811 the CALMM mode is entered by the CALMM command. Once in the CALMM
mode the data is shifted into the shift register via the interface at the rate of 1-bit per
command. After transmitting the last (9th) bit and exiting the CALMM mode, the serial
interface will return to the normal mode and all other commands can be sent. Care should
be taken that 9 bits of data (or a multiple of 9) are always transferred before exiting the
CALMM mode, otherwise the bits will be in the wrong positions.
In the shift register the value of the seal bit is, like the others, always zero at reset. To
ensure that the security feature (seal bit) works correctly, the CALMM command is
disabled until a refresh has been performed. Once the refresh is completed, the seal bit
value in the shift register will be valid and permission to enter the CALMM mode can thus
be determined.
The 9 bits are shifted into the shift register in a predefined order: first 5 bits of
MMVOPCAL[4:0], 3 bits for MMTC[2:0] and lastly the seal bit. The MSB is always first,
thus the first bit shifted is MMVOPCAL[4] and the two last bits are MMTC[0] and the seal
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com