Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 64Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 65Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 66Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 67Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 68Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 69Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 70Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 71Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
68 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
The required minimum value for the external capacitors in an application with the
PCF8811 are:
CVLCD = 1.0 µF to 4.7 µF depending on the application.
CVDD, CVDD1, CVDD2 = 1.0 µF. For these capacitors, higher values can be used.
Fig 49. Application diagram: internal charge pump and two separate supplies (VDD1 and
VDD2)
Fig 50. Application diagram: external high voltage
DISPLAY 80
× 128 pixels
mgw763
VDD2
VDD1
I/O
VSS
CVLCD
CVDD2
CVDD1
PCF8811
mgw764
DISPLAY 80
× 128 pixels
I/O
VLCDIN
PCF8811
VDD
VSS
CVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com