Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 68Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 69Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 70Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 71Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 72Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 73Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 74Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 75Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
72 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
18.1.5 Interface commands
These instructions are in addition to those indicated in Table 10.
[1]
X = value without meaning.
18.1.5.1
CALMM
This instruction puts the device in calibration mode. This mode enables the shift register
for loading and allows programming of the non-volatile OTP cells to take place. If the seal
bit is set then this mode cannot be accessed and the instruction will be ignored. Once in
calibration mode all commands are interpreted as shift register data. The mode can only
be exited by sending data with DB7 set to logic 0. Reset will also clear this mode. Each
shift register data byte is preceded by D/C = 0 and has only 2 significant bits, thus the
remaining 6 bits are ignored. DB7 is the continuation bit (DB7 = 1 remain in CALMM
mode, DB7 = 0 exit CALMM mode). DB0 is the data bit and its value is shifted into the
OTP shift register (on the falling edge of SCLK).
18.1.5.2
Refresh
The action of the ‘Refresh’ instruction is to force the OTP shift register to re-load from the
non-volatile OTP cells. This instruction takes up to 5 ms to complete. During this time all
other instructions may be sent.
In the PCF8811 the ‘Refresh’ instruction is associated with the ‘Power control’ instruction
so that the shift register is automatically refreshed every time the high voltage multiplier is
enabled or disabled. Note that if this instruction is sent while in Power-save mode, the
PC[1:0] bits are updated but the refreshing is ignored.
Fig 52. Basic OTP architecture
DATA TO THE CIRCUIT FOR
CONFIGURATION AND CALIBRATION
SHIFT
REGISTER
FLIP-FLOP
OTP slice
OTP CELL
SHIFT
REGISTER
SHIFT
REGISTER
DATA
INPUT
read data
from the
OTP cell
write data
to the
OTP cell
OTP CELLS
mgu289
Table 38.
Additional interface commands
Instruction
Pad
Command byte
Description
EXT
D/C
R/W/WR
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
CALMM
X[1]
0
0
1
0
0
0
0
0
1
0
enter CALMM mode
Power control
(‘refresh’)
X[1]
0
0
0
0
1
0
1
PC1
PC0
1
switch HVgen on/off to
force a refresh of the shift
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com