Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 52Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 53Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 54Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 55Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 56Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 57Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 58Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 59Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
56 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
13. Internal circuitry
14. Limiting values
For test purposes only:
(1) The maximum forward current is 5 mA
(2) The maximum reverse voltage is 5 V
Fig 38. Device protection diagrams
001aai352
VDD1
VDD1
VSS1
VSS2
VSS1
T3, T4,
VSS1(1), VDD(2)
VSS1
VSS1
VDD1
OSC, RES,
D/C, PS[2:0],
T1, T2, T5, E/RD
VLCDOUT
VSS1
VLCDIN,
VLCDSENSE
VSS1
VDD2
VSS1
VSS2
VLCDIN
VSS1
VDD1
DB[7:0], SCLK,
SDATA, SDO, SA1,
SA0, R/W/WR
VSS1
VDD1
VSS1
VOTPPROG
VSS1
LCD
outputs
I2C-bus
pins
VDD3
VSS1
Table 29.
Limiting values[1]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD1
supply voltage 1
general
−0.5
+6.5
V
VDD2
supply voltage 2
for internal voltage
generator
[2]
−0.5
+4.5
V
VDD3
supply voltage 3
for internal voltage
generator
[2]
−0.5
+4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com