Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811U/2DA/1 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # PCF8811U/2DA/1
Description  80 x 128 pixels matrix LCD driver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8811U/2DA/1 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button PCF8811U/2DA/1 Datasheet HTML 65Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 66Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 67Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 68Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 69Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 70Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 71Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 72Page - NXP Semiconductors PCF8811U/2DA/1 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
PCF8811_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 27 June 2008
69 of 81
NXP Semiconductors
PCF8811
80 x 128 pixels matrix LCD driver
18. Support information
18.1 Module maker programming
One Time Programmable (OTP) technology is implemented on the PCF8811. It enables
the module maker to program some extended features of the PCF8811 after it has been
assembled on an LCD module. Programming is made under the control of the interfaces
and the use of one special pad. This pad must be made available on the module glass but
need not be accessed by the set maker.
The PCF8811 features 3 parameters programmable by the module maker:
VLCD calibration
Temperature coefficient selection
Seal bit
18.1.1 VLCD calibration
The first feature included is the ability to adjust the VLCD voltage with a 5-bit code
(MMVOPCAL). This code is implemented in two’s complement notation giving rise to a
positive or negative offset to the VPR register. This is in the same manner as the on-glass
calibration pads VOS.
In theory, both may be used together but it is recommended that the VOS pads are tied to
VSS when OTP calibration is being used. This sets them to a default offset of zero. If both
are used then the addition of the two 5-bit numbers must not exceed a 5-bit result,
otherwise the resultant value is undefined. The final adder in the circuit has underflow and
overflow protection. In the event of an overflow, the output will be clamped to 255; during
an underflow the output will be clamped to 0.
The final control to the high voltage multiplier, VOP, is the sum of all the calibration
registers and pads. The VLCD Equation 4 or Equation 5 given in Section 12.10.1 or
Section 12.10.2 must be extended to include the OTP calibration, as follows:
(7)
The possible values for MMVOPCAL[4:0] and VOS[4:0] values are given in Table 36.
Table 36.
VOS/MMVOPCAL values in two’s complement notation
Binary
Decimal
Binary
Decimal
0 0000
0
1 1111
−1
0 0001
+1
1 1110
−2
0 0010
+2
1 1101
−3
0 0011
+3
1 1100
−4
0 0100
+4
1 1011
−5
0 0101
+5
1 1010
−6
0 0110
+6
1 1001
−7
0 0111
+7
1 1000
−8
0 1000
+8
1 0111
−9
0 1001
+9
1 0110
−10
V
LCD T
T
CUT
=
()
aV
OS[4:0]
MMVOPCAL[4:0]
V
+
OP[7:0]
+
() b
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com