Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1000 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXCD1000
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000 Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZXCD1000 Datasheet HTML 4Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 5Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 6Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 7Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 9Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 10Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 11Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 12Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISSUE 2 - APRIL 2002
ZXCD1000
8
Class D Mono Open Loop solution (Bridge Tied Load - BTL) Solution - Demonstration board
The circuit design shown in figure 4 is available as a
demonstration board to enable evaluation of the circuit
excellent performance. Full bill of materials (BOM) and
Gerber files are also available. The demonstration
board part number is ZXCD1000EVMOL. Layout and
component selection are critical to maximising
performance from this solution, the demonstration
board and circuit can be used as a guide to facilitate
design of production circuits. Zetex applications can
advise if any circuit modifications are required for
specific requirements.
The board can be used to demonstrate the ZXCD
amplifier capability with output power typically of 25W
into 4
or 8
load depending on chosen supply
voltage. Operating instructions are included in the
demonstration board literature.
A very important feature of the Zetex solution is that
the residual distortion is almost totally free of any
crossover artifacts. This lack of crossover distortion
sets the ZXCD1000 solutions quite apart from most
other presently available low cost solutions, which in
general suffer from severe crossover distortion
problems.
It is well known that this kind of distortion is particularly
unpleasant to the listener. The two scope traces of
Figure 7 clearly show the lack of such artifacts with the
Zetex solution
Figure 7a
ZETEX Class D Solution. (10W into 4
Ω)
Note lack of Crossover Artifacts
Figure 7b
Typical Class D Solution.
Note Large Crossover Artifacts
Figure 6
Mono solution demonstration board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com