Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1000 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXCD1000
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXCD1000 Datasheet HTML 1Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 2Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 3Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 4Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 5Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 6Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 7Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ZXCD1000
ISSUE 2 - APRIL 2002
3
Audio A
Triangle A
Osc A
Dist
Cosc
Osc B
Triangle B
Audio B
Gnd
Out B
Gnd2
9VB
VCC
9VA
Out A
5V5
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
Figure 1
Pin Connection Diagram
Pin number
Pin Name
Pin Description
1
Audio A
Audio Input for Channel A
2
Triangle A
Triangle Input for Channel A
3
Osc A
Triangle Output
4
Dist
No connection
5
Cosc
External timing capacitor node (to set the switching frequency)
6
Osc B
Triangle Output (for slave ZXCD1000 in stereo application)
7
Triangle B
Triangle Input for Channel B
8
Audio B
Audio Input for Channel B
9
Gnd
Small Signal GND
10
OUT B
Channel B PWM Output to drive external Bridge MOSFETs
11
Gnd2
Power GND (for Output Drivers)
12
9VB
Internal Supply Rail (Decouple with 1µF Cap)
13
VCC
Input Supply Pin (Max = 18V)
14
9VA
Internal Supply Rail (Decouple with 1µF Cap).
15
OUT A
Channel A PWM Output to drive external Bridge MOSFETs
16
5V5
Internal Supply Rail (Decouple with 1µF Cap)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com