Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1000 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXCD1000
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXCD1000 Datasheet HTML 1Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 2Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 3Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 4Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 5Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 6Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 7Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISSUE 2 - APRIL 2002
ZXCD1000 Class D controller IC
A functional block diagram of the ZXCD1000 is shown
in Figure 2. The on chip series regulators drop the
external VCC supply (12V-18V) to the approximate 9V
(9VA/9VB) and 5.5V (5V5) supplies required by the
internal circuitry.
A triangular waveform is generated on chip and is
brought out at the OscA and OscB outputs. The
frequency of this is set (to ~200kHz) by an external
capacitor (Cosc) and on chip resistor. The triangular
waveform must be externally AC coupled back into the
ZXCD1000 at the TriangleA and TriangleB inputs.
AC coupling ensures symmetrical operation resulting
in minimal system DC offsets. TriangleA is connected
to one of the inputs of a comparator and TriangleB is
connected to one of the inputs of a second comparator.
The other inputs of these two comparators are
connected to the AudioA and AudioB inputs, which are
anti-phase signals externally derived from the audio
input. The triangular wave is an order higher in
frequency than the audio input (max 20kHz). The
outputs of the comparators toggle every time the
TriangleA/B and the (relatively slow) AudioA/B signals
cross.
ZXCD1000
4
Oscillator & Ramp
Generator
Internal 5V5
Internal 9V
PWM
Comp A
PWM
Comp B
Pre-
Driver
Pre-
Driver
O/P
Driver
O/P
Driver
Audio A
Audio B
VCC
Out A
Out B
1
2
3
45
6 7
8
9
10
11
12
13
14
15
16
Osc
Buffers
Figure 2.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com