Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1000 Datasheet(PDF) 14 Page - Zetex Semiconductors

Part # ZXCD1000
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000 Datasheet(HTML) 14 Page - Zetex Semiconductors

Back Button ZXCD1000 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 9Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 10Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 11Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 12Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 13Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 14Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 15Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 16Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ISSUE 2 - APRIL 2002
ZXCD1000
14
Output Power
1W
5W
10W
20W
f(Hz)
f(Hz)
f(Hz)
FFT of distortion and noise floor at 20W (4
load)
Frequency response (4
load)
Note roll off.
This can be corrected by using an alternative values for
output filter components.
THD v Power into 4
at 1kHz
FFT of distortion and noise floor at 1W (4
load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com