Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1000 Datasheet(PDF) 13 Page - Zetex Semiconductors

Part # ZXCD1000
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000 Datasheet(HTML) 13 Page - Zetex Semiconductors

Back Button ZXCD1000 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 9Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 10Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 11Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 12Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 13Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 14Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 15Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 16Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ZXCD1000 Solution performance figures
Typical performance graphs for the Zetex 25W open
loop solution are shown here for both 4 and 8
Ω loads.
These graphs further demonstrate the true high fidelity
performance achieved by the Zetex solutions.
ZXCD1000
ISSUE 2 - APRIL 2002
13
Output Power
1W
5W
10W
f(Hz)
f(Hz)
f(Hz)
THD v Power into 8
at 1kHz
FFT of distortion and noise floor at 1W (8
load)
FFT of distortion and noise floor at 10W (8
load)
Frequency response (8
load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com