Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1000 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXCD1000
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXCD1000 Datasheet HTML 3Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 4Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 5Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 6Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 7Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 9Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 10Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 11Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Class D 25W Mono Open Loop (Bridge Tied Load - BTL) Solution – Circuit Description
Proprietary circuit design and high quality magnetics
are necessary to yield the high THD performance
specified. Deviation from the Zetex recommended
solution could significantly degrade performance.
The speaker is connected as a Bridge Tied Load (BTL).
This means that both sides of the speaker are driven
from the output bridge and therefore neither side of the
speaker connects to ground. This allows maximum
power to be delivered to the load, from a given supply
voltage.
The supply voltage for this solution is
nominally 16V for 25W into a 4
load.
A schematic diagram for the solution is shown in
Figure 4. The audio input is AC coupled and applied to a
low pass filter and a phase splitter built around the
NE5532 dual op-amp. One of these op-amps is
configured as a voltage follower and the other as a X1
inverting amplifier. This produces in phase and
inverted signals for application to the ZXCD1000. The
op-amp outputs are AC coupled into the ZXCD1000
Audio A and Audio B inputs via simple R-C low pass
filters (R16/C3 and R15/C7). The op-amps are biased to
a DC level of approximately 6V by R11 and R12.
The Pulse Width Modulated (PWM) outputs, OutA and
OutB, which contain the audio information, are AC
coupled and DC restored before driving the Zetex
ZXM64P03X and ZXM64N03X PMOS and NMOS
output bridge FET’s. AC coupling is via C17, C18, C19
and C20. DC restoration is provided by the D2(A1a)/R4,
D1(A4a)/R2 and D3(A1a)/R6, D4(A4a)/R9 components.
This technique allows the output stage supply voltage
to be higher than the high level of the OutA and OutB
outputs (approximately 8.5V),
whilst still supplying
almost the full output voltage swing to the gates of the
bridge FET’s (thereby ensuring good turn on). This can
be exploited to yield higher power solutions with
higher supply voltages – this is discussed later.
The resistor/diode combinations (R5/D2(A16b),
R3/D1(A4b), R7/D3(A1b) and R8/D4(A4b)) in series with
the bridge FET gates, assist in controlling the switching
of the bridge FET’s. This design minimises shoot
through currents whilst still achieving the low
distortion characteristics of the system.
The purpose of the special inductors in conjunction
with the output capacitors C23, C24, C25 and C26 is to
low pass filter the high frequency switching PWM
signal that comes from the bridge. Thus the lower
frequency audio signal is recovered and is available at
the speakerA and speakerB outputs across which the
speaker should be connected. Zetex can offer advice on
suitable source for the specialist magnetics.
The optional components R17 and C3 form a Zobel
network. The applicability of these depends upon the
application and speaker characteristics. Suggested
values are 47nF and 10 ohms
Efficiency
The following plots show the measured efficiency of
the Zetex solution at various power levels into both 4
Ω
and 8
Ω loads. As a comparison, typical efficiency is
plotted for a class A-B amplifier. They clearly
demonstrate the major efficiency benefits available
from the Zetex class D solution.
ZXCD1000
ISSUE 2 - APRIL 2002
7
Figure 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com