Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1000 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXCD1000
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXCD1000 Datasheet HTML 1Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 2Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 3Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 4Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 5Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 6Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 7Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
With no audio input signal applied, the AudioA/B
inputs are biased at the mid-point of the triangular
wave, and the duty cycle at the output of the
comparators is nominally 50%. As the AudioA/B signal
ascends towards the peak level, the crossing points
with the (higher frequency) triangular wave also
ascend. The comparator monitoring these signals
exhibits a corresponding increase in output duty cycle.
Similarly, as the AudioA/B signal descends, the duty
cycle is correspondingly reduced. Thus the audio input
Pulse Width Modulates the comparator outputs. This
principle is illustrated in Figures 3a, b, c and d. The
comparator outputs are buffered and used to drive the
OutA and OutB outputs. These in turn drive the speaker
load (with the audio information contained in the PWM
signal) via the off chip output bridge and single stage
L-C filter network.
The ramp amplitude is approximately 1V. The AudioA,
AudioB, TriangleA and TriangleB inputs are internally
biased to a DC voltage of approximately VCC/5. The
mid - point DC level of the OscA and OscB triangular
outputs is around 2V. The triangular wave at the Cosc
pin traverses between about 2.7Vand 3.8V and the dist
pin exhibits a roughly square wave from about 1.4V to
2V. (The above voltages may vary in practice and are
included for guidance only).
ZXCD1000
ISSUE 2 - APRIL 2002
5
Audio A/B
Triangle A/B
PWM Comparator
O/P
Audio A/B
Triangle A/B
Comparator O/P
(Duty Cycle = 50%)
O/P
Audio A/B
Triangle A/B
Comparator O/P
(Duty Cycle = 75%)
Audio A/B
Triangle A/B
Comparator O/P
(Duty Cycle = 25%)
Figure 3b.
Figure 3a.
Figures 3a,3b,3c and 3d
The audio input Pulse Width Modulates the comparator output.
Figure 3c.
Figure 3d.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com