Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1000 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXCD1000
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXCD1000 Datasheet HTML 1Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 2Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 3Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 4Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 5Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 6Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 7Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DESCRIPTION
The ZXCD1000 provides complete control and
modulation functions at the heart of a high efficiency
high performance Class D switching audio amplifier
solution. In combination with Zetex HDMOS MOSFET
devices, the ZXCD1000 provides a high performance
audio amplifier with all the inherent benefits of Class D.
The ZXCD1000 solution uses proprietary circuit design
to realise the true benefits of Class D without the
traditional drawback of poor distortion performance.
The combination of circuit design, magnetic
component choice and layout are essential to realising
these benefits.
FEATURES
• >90% efficiency
• 4 / 8 Ω drive capability
• Noise Floor -115dB for solution
• Flat response 20Hz - 20kHz
• High gate drive capability ( 2200pF)
• Very low THD + N 0.2% typical full 90% power, full
band ( for the solution)
• Complete absence of crossover artifacts
• OSC output available for sync in multi-channel
applications
• Available in a 16 pin exposed pad QSOP package
APPLICATIONS
• DVD Players
• Automotive audio systems
• Home Theatre
• Multimedia
• Wireless speakers
• Portable audio
• Sub woofer systems
• Public Address system
The ZXCD1000 reference designs give output powers
up to 100W rms with typical open loop (no feedback)
distortion of less than 0.2% THD + N over the entire
audio frequency range at 90% full output power. This
gives an extremely linear system. The addition of a
minimum amount of feedback (10dB) further reduces
distortion figures to give < 0.1 % THD + N typical at
1kHz.
From an acoustic point of view, even more important
than the figures above, is that the residual distortion is
almost totally free of any crossover artifacts.
This
allows the ZXCD1000 to be used in true hi-fi
applications. This lack of crossover distortion, sets the
ZXCD1000 solutions quite apart from most other
presently available low cost solutions, which in general
suffer from severe crossover distortion problems.
ZXCD1000
ISSUE 2 - APRIL 2002
1
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
Output Power
1W
5W
10W
Distortion v Power
8
Ω open loop at 1kHz.
The plot shows Distortion v Power into an 8
Ω load at
1kHz. This plot clearly demonstrates the unequalled
performance of the Zetex solution. Typical distortion of
0.05% at 1W can be seen with better than 0.15% at 10W.
Truly world class performance.


Similar Part No. - ZXCD1000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16TA ZETEX-ZXCD1000EQ16TA Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
More results

Similar Description - ZXCD1000

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4651 NSC-LM4651 Datasheet
586Kb / 20P
LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
logo
Zetex Semiconductors
ZXCD1010 ZETEX-ZXCD1010 Datasheet
555Kb / 12P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
High Performance, High Fidelity Audio Operational Amplifier
LM4651 NSC-LM4651_09 Datasheet
1Mb / 32P
170W Class D Audio Power Amplifier Solution
logo
Zetex Semiconductors
ZXCD1000EQ16TA ZETEX-ZXCD1000EQ16TA Datasheet
1Mb / 16P
HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
logo
Texas Instruments
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
High Performance, High Fidelity Audio Operational Amplifier
LM4651 TI1-LM4651 Datasheet
2Mb / 34P
Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
Dual High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com