Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCD1000 Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXCD1000
Description  HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD1000 Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXCD1000 Datasheet HTML 5Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 6Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 7Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 8Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 9Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 10Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 11Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 12Page - Zetex Semiconductors ZXCD1000 Datasheet HTML 13Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Other Solutions - Stereo, Closed Loop and Higher Powers.
STEREO
It is possible to duplicate the above solution to give a 2
channel stereo solution. However if the oscillator
frequencies are not locked together, a beat can occur
which is acoustically audible. This is undesirable. A
stereo solution which avoids this problem can be
achieved by synchronising the operating frequencies
of both ZXCD1000’s class D controller IC’s, by slaving
one device from the other. This is illustrated in Figure 8.
Great care must be taken when linking the triangle
from the master to the slave. Any pickup can cause
slicing errors and result in increased distortion. The
best connection method is to run two tracks, side by
side, from the master to the slave. One of these tracks
would be the triangle itself, and the other would be the
direct local ground linking the master pin9 ground to
the slave pin 9 ground.
A demonstration board, ZXCD1000EVSOL, is available
for a stereo 25W solution.
ZXCD1000
ISSUE 2 - APRIL 2002
9
MASTER
SLAVE
Figure 8 Frequency synchronisation for stereo applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com