Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121QR2 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
25
Figure 23. Average Supply Current
The output data is the Filtered Data High and Low is the data coming out of the second stage filter. This means that the
response time of the output is the SFI times the ESI. This usually results in 16 ms and 4 iterations being used to get 64 ms
response time while still optimizing the power consumption. At each 64 ms, a decision would be made regarding touch by com-
paring the Baseline with the filtered data output, resulting in a a worst case of the full 64 ms plus half the previous cycle, equalling
96 ms.
SAMPLE RATE (ms)
1
10
29
μA
17
μA
100
400
300
200
2
4
8
16
32
64
128
102
μA
54
μA
393
μA
199
μA
11
μA
8
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com