Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121QR2 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
41
5.0
Proximity Baseline Filter Setting
As with the touch detection, the proximity detection also dedicates register sets for baseline filter control. These include the
maximum half delta for rising/falling, the noise half delta for rising/falling/touched, the noise count limit for rising/falling/touched,
and filter delay for rising/falling/touched. Table 41 shows an example setting for proximity sensing, the concept is to have quickest
response on baseline rising (when hand takes away) and slowest response on baseline falling (when hand approaching). Refer
to Freescale application note AN3891 for detailed description on baseline system.
6.0
Electrode Configuration for Proximity Sensing
Same as touch sensing, the proximity sensing requires that the charging current and time for the 13th Proximity Detection
electrode to be properly set. This can be done in 3 ways:
1. Globally setting the AFE Configuration Register (0x5B) and Filter Configuration Register if recent current setting and time
setting is zero.
2. Set by using Eleprox Electrode Current Register (0x6B) and Charge Time Register (0x72).
3. Using Auto-Configuration function to automatically set charge current and charge time for this 13th Proximity Detection
electrode.
It’s recommended that Auto-Configuration is used for design efficiency if proximity sensing works properly in this way. Refer
to Freescale application note AN3889 for details of the Auto-Configuration function.
Table 41. Proximity Baseline Filter Registers 0x36~0x40 (Reset Default: all 0x00)
Register Name
Register Address
Example Setting
ELEPROX Max Half Delta Rising
0x36
0xFF
ELEPROX Noise Half Delta Amount Rising
0x37
0xFF
ELEPROX Noise Count Limit Rising
0x38
0x00
ELEPROX Filter Delay Limit Rising
0x39
0x00
ELEPROX Max Half Delta Falling
0x3A
0x01
ELEPROX Noise Half Delta Amount Falling
0x3B
0x01
ELEPROX Noise Count Limit Falling
0x3C
0xFF
ELEPROX Filter Delay Limit Falling
0x3D
0xFF
ELEPROX Noise Half Delta Amount Touched
0x3E
0x00
ELEPROX Noise Count Limit Touched
0x3F
0x00
ELEPROX Filter Delay Limit Touched
0x40
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com