Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121QR2 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
39
AN3893: MPR121 Proximity Detection
INTRODUCTION
MPR121 is a feature rich, second generation touch sensor controller after Freescale’s initial release of the MPR03x series
device. Like MPR03x, MPR121 has a unique feature that all the electrode inputs can be internally connected together so that all
the surface touch sensing area on the inputs are “summed” together to act as a single large electrode pad. This can effectively
increase the total area of the sensing conductor for non-contact near proximity detection for hand approaching.
OVERVIEW
Capacitive proximity detection uses the same principle as capacitive touch sensing. Each MPR121 input sensing channel can
be used as contactless proximity detection as well as finger touch detection if each sensing pad is designed properly and relevant
register are set properly.
Typically a smaller pad size is used for finger touch button detection; while a larger pad size is necessary for contactless near
proximity detection. On the other side, it’s true that in most portable application design there is no dedicated big surface area left
for proximity detection as the touch sensing buttons occupy all the available surface area. To make proximity detection at the
same time of touch detection without additional dedicated large sensing pad, MPR121 has an internal input multiplexor which
can connect all input sensing channels together so that all the touch sensing surface areas on the input pads are “summed”
together effectively acting as a single large sensing pad.
Using this scheme in typical applications, the 12 channels can be used for 12 key buttons touch sensing, and the surface area
of all the pads can also used for proximity detection (e.g., hand approaching).
PROXIMITY DETECTION REGISTER SETTING
Like each independent touch sensing detection, the 13th Proximity Detection electrode also has its own register configura-
tions, other than that, all the concepts applied to the proximity detection are the same as touch sensing detection.
1.0
Enable Proximity Sensing
Proximity detection (a/k/a area detection mode) is enabled by configuring the Electrode Configuration Register (0x5E), see
Table 34. In MPR121, this adds an area detection step (the 13th pseudo Electrode) before all the independent electrodes touch
sensing detect sequence. Once configured, we refer to this area detection as the 13th Proximity Detection electrode.
2.0
Proximity Data Register and Baseline Register
Eleprox Electrode Registers (0x1C, 0x2D) contain the 10-bit raw data of the capacitance-voltage measurement value for the
13th Proximity Detection electrode.
Table 34. Electrode Configuration Register 0x5E (Reset Default: 0x00)
Bit
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Read
CL[1]
CL[0]
AD[1]
AD[0]
EC[3]
EC[2]
EC[1]
EC[0]
Write
Reset
00
00
0
000
AD1
AD0
EC3
EC2
EC1
EC0
Description
01
xx
xx
Area Detection by connecting ELE0~1.
10
xx
xx
Area Detection by connecting ELE0~3.
11
xx
xx
Area Detection by connecting ELE0~11.
Table 35. Eleprox Electrode Register 0x1C, 0x2D (Reset Default: 0x00, 0x00)
0x1C
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D7
D6
D5
D4
D3
D2
D1
D0
0x1D
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
——
——
——
D9
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com