Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121QR2 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
15
FILTER CONFIGURATION REGISTER
Figure 9. Filter Configuration Register
The SFI, ESI and FFI are described in AN3890. In addition to these global (same for all electrodes) settings, the MPR121
electrodes can also be independently configured.
ELECTRODE CHARGE CURRENT REGISTER
Figure 10. Electrode Charge Current Register
7
6
543210
R
CDT
SFI
ESI
W
Reset:
0
0
000000
= Unimplemented
Table 10. Filter Configuration Register Field Descriptions
Field
Description
7:5
CDT
Charge Discharge Time – The Charge Discharge Time field selects the amount of
time an electrode charges and discharges.
000 Encoding 0 – Invalid
001 Encoding 1 – Time is set to 0.5
μs
010 Encoding 2 – Time is set to 1
μs
~
111 Encoding 7 – Time is set to 32
μs.
4:3
SFI
Second Filter Iterations – The Second Filter Iterations field selects the number of
samples taken for the second level filter.
00 Encoding 0 – Number of samples is set to 4
01 Encoding 1 – Number of samples is set to 6
10 Encoding 2 – Number of samples is set to 10
11 Encoding 3 – Number of samples is set to 18
2:0
ESI
Electrode Sample Interval – The Electrode Sample Interval field selects the period
between samples used for the second level of filtering.
000 Encoding 0 – Period set to 1 ms
001 Encoding 1 – Period set to 2 ms
~
111 Encoding 7 – Period set to 128 ms
7
6
543210
R0
0
CDC
W
Reset:
0
0
000000
= Unimplemented
Table 11. Electrode Charge Current Register Field Descriptions
Field
Description
5:0
CDC
Electrode # Charge Discharge Current – The Charge Discharge Current field
selects the supply current to be used when charging and discharging an electrode.
000000 Encoding 0 – Disables Electrode Charging
000001 Encoding 1 – Sets the current to 1
μA
~
111111 Encoding 63 – Sets the current to 63
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com