Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121QR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
11
AN3889: MPR121 Capacitance Sensing Settings
INTRODUCTION
Touch acquisition takes a few different parts of the system in order to detect touch. The first stage of this process is to capture
the pad capacitance. Freescale’s MPR121 utilizes the principle that a capacitor holds a fixed amount of charge at a specific elec-
tric potential. Both the implementation and the configuration will be described in this application note.
Figure 3. Data Flow in the MPR121
CAPACITANCE MEASUREMENT
The basic measurement technique used by the MPR121 is to charge up the capacitor C on one electrode input with a DC
current I for a time T (the charge time). Before measurement, the electrode input is grounded, so the electrode voltage starts from
0 V and charges up with a slope, Equation 1, where C is the pad capacitance on the electrode (Figure 4). All of the other elec-
trodes are grounded during this measurement. At the end of time T, the electrode voltage is measured with a 10 bit ADC. The
voltage is inversely proportional to capacitance according to Equation 2
.The electrode is then discharged back to ground at the
same rate it was charged.
Equation 1
Equation 2
AFE AQUISITION
RAW
DATA
2nd
FILTER
1st
FILTER
BASELINE
FILTER
STATUS REGISTER
IRQ
TOUCH
1 - 32
μs
1 - 128
μs
4 - 2048
μs
dV
dt
-------
I
C
----
=
V
IT
×
C
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com