Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121QR2 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
35
TOUCH STATUS REGISTER 1
Figure 39. Touch Status Register1
FILTER DATA HIGH
.
Figure 40. Filtered Data High Register
7
6
543210
ROVCF
0
0
EPROXS
E11S
E10S
E9S
E8S
W
Reset:
0
0
000000
= Unimplemented
Table 27. Touch Status Register 1 Field Descriptions
Field
Description
7
OVCF
Over Current Flag – The Over Current Flag will be set any time the wrong value of
Rext is connected to the MPR121’s Rext pin. This is to protect the part from high
current that could result from an incorrect resistor value.
0 – Correct Rext resistor value
1 – Incorrect Rext resistor value
4
EPROXS
Electrode PROX Status – The Electrode PROX Status bit shows touched nor not
touched.
0 – Not Touched
1 – Touched
3
E11S
Electrode 11 Status – The Electrode 11 Status bit shows touched or not touched.
0 – Not Touched
1 – Touched
2
E10S
Electrode 10 Status – The Electrode 10 Status bit shows touched or not touched.
0 – Not Touched
1 – Touched
1
E9S
Electrode 9 Status – The Electrode 9 Status bit shows touched or not touched.
0 – Not Touched
1 – Touched
0
E8S
Electrode 8 Status – The Electrode 8 Status bit shows touched or not touched.
0 – Not Touched
1 – Touched
7
6
543210
R
0
0
0000
FDHB
W
Reset:
0
0
000000
= Unimplemented
Table 28. Filtered Data High Register Field Descriptions
Field
Description
7:0
FDHB
Filtered Data High Bits – The Filtered Data High Bits displays the higher 2 bits of
the 10 bit filtered A/D reading.
00 Encoding 0
~
11 Encoding 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com