Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121QR2 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
MPR121
Sensors
16
Freescale Semiconductor
ELECTRODE CHARGE TIME
Figure 11. Electric Charge Time Register
AUTO-CONFIGURATION
One of the new features added in the MPR121 that was not included in the MPR03X is the ability to automatically configure
the Charge Current the Charge Time. This eliminates much of the guess involved with touch sensors and allows the same set-
tings to properly configure the device for a wide range of application and electrodes. As show earlier in this document, the sen-
sitivity of the sensor is maximized by having the baseline be as high as possible for a specific baseline capacitance. The
restriction on the high side is that a system should not charge above VDD - 0.7 V due to this being a non-linear region. Thus the
target voltage used is approximately VDD - 0.7 V.
This implies that the automatic configuration system should target approximately 156 when VDD is 1.8 V and 196 when VDDis
3.0 V. The following three registers should be set based on the VDD in the system. If the voltage is unregulated, set the values
assuming the lowest voltage necessary for the battery. If the final voltage supply in the system is not known, just use the 1.8 V
values as they represent the worst case. This lower setting will not dramatically affect the performance, thus the 1.8 V could be
considered default and be used in all cases where fine tuning is not required.
7
6
543210
R0
CDT#
0
CDT#
W
Reset:
0
0
000000
= Unimplemented
Table 12. Electrode Charge Time Register Field Descriptions
Field
Description
6:4
CDT#
Electrode # Charge Discharge Time – The Charge Discharge Time field selects the
amount of time an electrode charges and discharges.
000 Encoding 0 – Global value is used.
001 Encoding 1 – Time is set to 0.5
μs
010 Encoding 2 – Time is set to 1
μs
~
11 Encoding 7 – Time is set to 32
μs.
2:0
CDT#
Electrode # Charge Discharge Time – The Charge Discharge Time field selects the
amount of time an electrode charges and discharges.
000 Encoding 0 – Global value is used.
001 Encoding 1 – Time is set to 0.5
μs
010 Encoding 2 – Time is set to 1
μs
~
11 Encoding 7 – Time is set to 32
μs.
Table 13.
Voltage (VDD)
VDD - 0.7 V
ADC
Baseline
1.8 V
1.1 V
625
156
VDD
2.3 V
785
196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com