Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121QR2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
MPR121
Sensors
Freescale Semiconductor
13
Any ADC counts outside of the range shown are invalid and settings must be adjusted to be within this range. If capacitance
variation is of importance for an application after the current output, charge time and supply voltage are determined then the fol-
lowing equations can be used. The valid range for capacitance is calculated by using the minimum and maximum ADC values in
the capacitance equation. Substituting the low and high ADC equations into the capacitance equation yields the equations for
the minimum and maximum capacitance values which are
and
.
Equation 5
SENSITIVITY
The sensitivity of the MPR121 is relative to the capacitance range being measured. Given the ADC value, current and time
and settings capacitance can be calculated,
.
Equation 6
For a given capacitance the sensitivity can be measured by taking the derivative of this equation. The result of this is the
following equation, representing the change in capacitance per one ADC count, where the ADC in the equation represents the
current value.
Equation 7
This relationship is shown in the following graph by taking the midpoints off all possible ranges by varying the current and time
settings. The midpoint is assumed to be 512 for ADC and the nominal supply voltage of 1.8 V is used.
Figure 6.
Smaller amounts of change indicate increased sensitivity for the capacitance sensor. Some sample values are shown in
Table 8.
In the previous cases, the capacitance is assumed to be in the middle of the range for specific settings. Within the capacitance
range the equation is nonlinear, thus the sensitivity is best with the lowest capacitance. This graph shows the sensitivity derivative
reading across the valid range of capacitances for a set I, T, and VDD. For simple small electrodes (that are approximately
21 pF) and a nominal 1.8 V supply. Figure 7 is representative of this effect.
Table 8.
pF
Sensitivity (pF/ADC count)
10
-0.01953
100
-0.19531
C
low
IT
×
V
DD
0.7
–
--------------------------
=C
high
IT
×
0.7
-----------
=
C
IT
1024
×
×
V
DD
ADC
×
-------------------------------
=
dC
dADC
----------------
IT
×
1024
×
V
DD
ADC
2
×
-----------------------------------
=
Sensitivity vs. Midpoint Capacitance for VDD =1.8 V
-5
-4.5
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
500
1000
1500
2000
2500
Midpoint Capacitance (pF)
dC/dADC @cmid (pF/1 ADC Count)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com