Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR121QR2 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPR121QR2
Description  Proximity Capactive touch Senosr controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR121QR2 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPR121QR2 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPR121QR2 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
MPR121
Sensors
48
Freescale Semiconductor
BIT TRANSFER
One data bit is transferred during each clock pulse (Figure 50). The data on SDA must remain stable while SCL is high.
Figure 50. Bit Transfer
ACKNOWLEDGE
The acknowledge bit is a clocked 9th bit (Figure 51) which the recipient uses to handshake receipt of each byte of data. Thus
each byte transferred effectively requires 9 bits. The master generates the 9th clock pulse, and the recipient pulls down SDA
during the acknowledge clock pulse, such that the SDA line is stable low during the high period of the clock pulse. When the
master is transmitting to the MPR121, the MPR121 generates the acknowledge bit, since the MPR121 is the recipient. When the
MPR121 is transmitting to the master, the master generates the acknowledge bit, since the master is the recipient.
Figure 51. Acknowledge
THE SLAVE ADDRESS
The MPR121 has a 7-bit long slave address (Figure 52). The bit following the 7-bit slave address (bit eight) is the R/W bit, which
is low for a write command and high for a read command.
Figure 52. Slave Address
The MPR121 monitors the bus continuously, waiting for a START condition followed by its slave address. When a MPR121
recognizes its slave address, it acknowledges and is then ready for continued communication.
The MPR121 slave addresses are show in Table 46.
Table 46.
ADDR Pin Connection
I2C Address
VDD
0x4C
VSS
0x4D
SDA
0x4E
SCL
0x4F
START
CONDITION
SDA
SCL
STOP
CONDITION
P
S
START
CONDITION
SDA
BY TRANSMITTER
S
12
8
9
CLOCK PULSE FOR
ACKNOWLEDGEMENT
SDA
BY RECEIVER
SCL
SDA
1
R/W
ACK
MSB
SCL
01
00
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com