Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 28Page - Texas Instruments TUSB1310 Datasheet HTML 29Page - Texas Instruments TUSB1310 Datasheet HTML 30Page - Texas Instruments TUSB1310 Datasheet HTML 31Page - Texas Instruments TUSB1310 Datasheet HTML 32Page - Texas Instruments TUSB1310 Datasheet HTML 33Page - Texas Instruments TUSB1310 Datasheet HTML 34Page - Texas Instruments TUSB1310 Datasheet HTML 35Page - Texas Instruments TUSB1310 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
6.4.4
ULPI Parameters
Table 6-4. ULPI Parameters
DESCRIPTION
NOTES
HS
FS
LS
UNIT
RX CMD delay
2-4
2-4
2-4
clocks
TX start delay
1-2
1-10
1-10
clocks
TX end delay
PHY pipeline delays
2-5
clocks
RX start delay
3-8
clocks
RX end delay
3-8
17-18
122-123
clocks
Transmit-Transmit (host only)
15-24
7-18
77-247
clocks
Link decision times
Receive-Transmit (host or peripheral)
1-14
7-18
77-247
clocks
6.4.5
ULPI Clock
Table 6-5. ULPI Clock Parameters
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Fstart_8bit
Frequency (first transition) ±10%
54
60
66
MHz
Fsteady
Frequency (steady state) ±500 ppm
59.97
60
60.03
MHz
Dstart_8bit
Duty cycle (first transition) ±10%
40
50
60
%
Dsteady
Duty cycle (steady state) ±500 ppm
49.975
50
50.025
%
Tsteady
Time to reach steady state frequency and duty cycle after first transition
1.4
ms
Tstart_dev
Clock startup time after deassertion of SuspemdM – Peripheral
5.6
ms
Tstart_host
Clock startup time after deassertion of SuspemdM – Hold
ms
Tprep
PHY preparation time after first transition of input clock
µs
Tjitter
Jitter
ps
Trise/Tfall
Rise and fall time
ns
6.4.6
ULPI Transmit
Figure 6-4. ULPI Transmit Timing
Copyright © 2009–2010, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
33
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com