Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 17Page - Texas Instruments TUSB1310 Datasheet HTML 18Page - Texas Instruments TUSB1310 Datasheet HTML 19Page - Texas Instruments TUSB1310 Datasheet HTML 20Page - Texas Instruments TUSB1310 Datasheet HTML 21Page - Texas Instruments TUSB1310 Datasheet HTML 22Page - Texas Instruments TUSB1310 Datasheet HTML 23Page - Texas Instruments TUSB1310 Datasheet HTML 24Page - Texas Instruments TUSB1310 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
3.4.2
Receiver Detection
TX_DETRX_LPBK starts a receiver detection operation to determine if there is a receiver at the other end
of the link. When the receiver detect sequence completes, the PHY_STATUS is asserted for one clock
and drives the RX_STATUS signals to the appropriate code. Once the TX_DETRX_LPBK signal is
asserted, the link layer controller must leave the signal asserted until the PHY_STATUS pulse. When
receiver detection is performed in P3, the PHY_STATUS shows the appropriate receiver detect value until
the TX_DETRX_LPBK is de-asserted.
Table 3-5. RX_STATUS - Receiver Detection
RX_STATUS2-0
DETECTED CONDITION
LENGTH
000b
Receiver not present
One clock cycle
011b
Receiver present
3.4.3
8b/10b Decode Errors
When the TUSB1310 detects an 8b/10b decode error, it will assert an EDB (0xFE) symbol in the data on
the RX_DATA where the bad byte occurred. In the same clock cycle that the EDB symbol is asserted on
the RX_DATA, the 8b/10b decode error code (100b) will be asserted on the RX_STATUS. 8b/10b
decoding error has priority over all other receiver error codes and could mask out a disparity error
occurring on the other byte of data being clocked onto the RX_DATA with the EDB symbol.
Table 3-6. 8b/10b Decode Errors
RX_STATUS2-0
DETECTED ERROR
LENGTH
Clock cycles during the effected byte is
100b
8B/10B decode error
transferred on RX_DATA15-0
3.4.4
Elastic Buffer Errors
When the elastic buffer overflows, data is lost during the reception of the data. The elastic buffer overflow
error code (101b) will be asserted on the RX_STATUS on the PCLK cycle the omitted data would have
been asserted. The data asserted on the RX_DATA is still valid data, the elastic buffer overflow error code
on the RX_STATUS just marks a discontinuity point in the data stream being received.
When the elastic buffer underflows, EDB (0xFE) symbols are inserted into the data stream on the
RX_DATA to fill the holes created by the gaps between valid data. For every PCLK cycle a EDB symbol is
asserted on the RX_DATA, an elastic buffer underflow error code (111b) is asserted on the RX_STATUS.
In nominal empty buffer mode, SKP ordered sets are transferred on RX_DATA and the underflow is not
signaled.
Table 3-7. Elastic Buffer Errors
RX_STATUS2-0
DETECTED ERROR
LENGTH
Clock cycles the omitted data would have
101b
Elastic buffer overflow
appeared
Clock cycles during the EDB symbol
110b
Elastic buffer underflow
presence on RX_DATA15-0
3.4.5
Disparity Errors
When the TUSB1310 detects a disparity error, it will assert a disparity error code (111b) on the
RX_STATUS in the same PCLK cycle it asserts the erroneous data on the RX_DATA. The disparity code
does not discern which byte on the RX_DATA is the erroneous data.
Copyright © 2009–2010, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
21
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com