Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 14Page - Texas Instruments TUSB1310 Datasheet HTML 15Page - Texas Instruments TUSB1310 Datasheet HTML 16Page - Texas Instruments TUSB1310 Datasheet HTML 17Page - Texas Instruments TUSB1310 Datasheet HTML 18Page - Texas Instruments TUSB1310 Datasheet HTML 19Page - Texas Instruments TUSB1310 Datasheet HTML 20Page - Texas Instruments TUSB1310 Datasheet HTML 21Page - Texas Instruments TUSB1310 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Power Supplies
XI
RESETN
PCLK
ULPI_CLK
Internal resetn/
PLL_EN/
SUSPENDM
Internal latched
strapping pin states
Latched data
PHY_STATUS/
ULPI_DIR
300ms
TUSB1310
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
www.ti.com
3.1.2
ULPI Reset – Software Reset
After power-up, the link layer controller must set the Reset bit in ULPI register. It resets the core but does
not reset the ULPI interface or the ULPI registers.
During the ULPI reset, the ULPI_DIR is de-asserted. After the reset, the ULPI_DIR is asserted again and
the TUSB1310 sends an RX CMD update to the link layer. During the reset, the link should ignore signals
on the ULPI_DATA7-0 and must not access the TUSB1310.
3.1.3
OUT_ENABLE - Output Enable
Digital IO buffers use two power supplies, core VDD1P1 and IO VDD1P8. During power up,
OUT_ENABLE must be asserted low for proper operation.
3.1.4
Power Up Sequence
The power up sequence is shown in Figure 3-1.
Figure 3-1. Power Up Sequence
After proper power supply sequencing, the reference clock on XI starts to operate. On the RESETN
de-assertion, REFCLKSEL1-0 is determined depending on the PHY_MODE pins, PLL is locked and the
valid ULPI_CLK and the valid PCLK are driven.
After all stable clocks are provided, the TUSB1310 allows the link layer controller to access by
de-asserting the ULPI_DIR. The link layer controller sets the Reset bit in the ULPI register. At the PIPE
in-terface, the PHY_STATUS changes from high to low in order to indicate the TUSB1310 is in the power
state specified by the POWER_DOWN signal. After the PHY_STATUS change, the TUSB1310 is ready
for PIPE transactions.
18
FUNCTIONAL DESCRIPTION
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com