Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 9Page - Texas Instruments TUSB1310 Datasheet HTML 10Page - Texas Instruments TUSB1310 Datasheet HTML 11Page - Texas Instruments TUSB1310 Datasheet HTML 12Page - Texas Instruments TUSB1310 Datasheet HTML 13Page - Texas Instruments TUSB1310 Datasheet HTML 14Page - Texas Instruments TUSB1310 Datasheet HTML 15Page - Texas Instruments TUSB1310 Datasheet HTML 16Page - Texas Instruments TUSB1310 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
2.3
ULPI
The ULPI (ultra low pin count interface) is a low pin count USB PHY to a link layer controller interface. The
ULPI consists of the interface and the ULPI registers. The TUSB1310 is always the master of the ULPI
bus.
Table 2-3. ULPI Signal Description
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
60-MHz interface clock. All ULPI signals are synchronous to ULPI_CLK. The ULPI_CLK is
ULPI_CLK
O
P11
always a 60-MHz output of the TUSB1310. In low power mode, the ULPI_CLK is not driven.
ULPI_DATA7
N6
ULPI_DATA6
P6
ULPI_DATA5
N7
ULPI_DATA4
P7
Data bus. Driven to 00h by the Link when the ULPI bus is idle.
S, I/O, PD
8-bit data timed on rising edge of ULPI_CLK
ULPI_DATA3
N8
ULPI_DATA2
P8
ULPI_DATA1
P9
ULPI_DATA0
N9
Controls the direction of the ULPI_DATA bus
ULPI_DIR
O
M7
0 ULPI_DATA lines are inputs
1 ULPI_DATA lines are outputs
Active High. The Link must assert ULPI_STP to signal the end of a USB transmit packet or a
register write operation. The ULPI_STP signal must be asserted in the cycle after the last data
ULPI_STP
S, I, PU
M8
byte is presented on the bus. The ULPI_STP has an internal weak pull-up to safeguard
against false commands on the ULPI_DATA lines.
Active High. The PHY asserts ULPI_NXT to throttle all data types, except register read data
and the RX CMD. The PHY also asserts ULPI_NXT and ULPI_DIR simultaneously to indicate
ULPI_NXT
O
N11
USB receive activity, if ULPI_DIR was previously low. The PHY is not allowed to assert
ULPI_NXT during the first cycle of the TX CMD driven by the Link.
2.3.1
ULPI Modes
The TUSB1310 supports synchronous mode and low power mode. The default mode is synchronous
mode.
The synchronous mode is a normal operation mode. The ULPI_DATA are synchronous to ULPI_CLK. The
low power mode is used during power down and no ULPI_CLK. The TUSB1310 sets ULPI_DIR to output
and drives LineState signals and interrupts.
Table 2-4. ULPI Synchronous and Low Power Mode Functions
SYNCHRONOUS
LOW POWER
ULPI_CLK(OUT)
ULPI_DATA7(I/O)
ULPI_DATA6(I/O)
ULPI_DATA5(I/O)
ULPI_DATA4{I/O}
ULPI_DATA3(I/O)
ULPI_INT (OUT)
ULPI_DATA2(I/O)
ULPI_DATA1(I/O)
ULPI_LINESTATE1(OUT)
ULPI_DATA0(I/O)
ULPI_LINE_STATE0 (OUT)
ULPI_DIR(OUT)
ULPI_STP(IN)
Copyright © 2009–2010, Texas Instruments Incorporated
PIN DESCRIPTIONS
13
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com