Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 18Page - Texas Instruments TUSB1310 Datasheet HTML 19Page - Texas Instruments TUSB1310 Datasheet HTML 20Page - Texas Instruments TUSB1310 Datasheet HTML 21Page - Texas Instruments TUSB1310 Datasheet HTML 22Page - Texas Instruments TUSB1310 Datasheet HTML 23Page - Texas Instruments TUSB1310 Datasheet HTML 24Page - Texas Instruments TUSB1310 Datasheet HTML 25Page - Texas Instruments TUSB1310 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
TUSB1310
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
www.ti.com
Table 3-8. Disparity Errors
RX_STATUS2-0
DETECTED ERROR
LENGTH
Clock cycles during the ef-fected byte is
111b
Disparity error
transferred on RX_DATA15-0
3.5
Loopback
The TUSB1310 begins an internal loopback operation from SSRXP/SSRXN differential pairs to
SSTXP/SSTXN differential pairs when the TX_DETRX_LPBK is asserted while holding TX_ELECIDLE
de-asserted. The TUSB1310 will stop transmitting data to the SSTXP/SSTXN signaling pair from the
TX_DATA and begin transmitting on the SSTXP/SSTXN signaling pair the data received at the
SSRXP/SSRXN signaling pair. This data is not routed through the 8b/10b coding/encoding paths. While in
the loopback operation, the received data is still sent to the RX_DATA. The data sent to the RX_DATA is
routed through the 10b/8b decoder.
The TX_DETRX_LPBK de-assertion will terminate the loopback operation and return to transmitting
TX_DATA over the SSTXP/SSTXN signaling pair. The TUSB1310 only transitions out of loopback on
detection of LFPS signaling by transitioning to P2 state and starting the LFPS handshake.
22
FUNCTIONAL DESCRIPTION
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com