Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1310 Datasheet HTML 1Page - Texas Instruments TUSB1310 Datasheet HTML 2Page - Texas Instruments TUSB1310 Datasheet HTML 3Page - Texas Instruments TUSB1310 Datasheet HTML 4Page - Texas Instruments TUSB1310 Datasheet HTML 5Page - Texas Instruments TUSB1310 Datasheet HTML 6Page - Texas Instruments TUSB1310 Datasheet HTML 7Page - Texas Instruments TUSB1310 Datasheet HTML 8Page - Texas Instruments TUSB1310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
TUSB1310
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
www.ti.com
Contents
1
PRODUCT OVERVIEW
......................................................................................................... 7
1.1
Features
...................................................................................................................... 7
1.2
Target Applications
......................................................................................................... 7
1.3
Introduction
.................................................................................................................. 8
1.4
Functional Block Diagram
.................................................................................................. 8
2
PIN DESCRIPTIONS
........................................................................................................... 10
2.1
Configuration Pins
......................................................................................................... 10
2.2
PIPE
......................................................................................................................... 10
2.3
ULPI
......................................................................................................................... 13
2.3.1
ULPI Modes
..................................................................................................... 13
2.4
Clocking
..................................................................................................................... 14
2.5
JTAG Interface
............................................................................................................. 14
2.6
Reset and Output Control Interface
..................................................................................... 14
2.7
Strap Options
.............................................................................................................. 14
2.8
USB Interfaces
............................................................................................................. 15
2.9
Special Connect
........................................................................................................... 15
2.10
Power and Ground
........................................................................................................ 16
3
FUNCTIONAL DESCRIPTION
............................................................................................... 17
3.1
Power On and Reset
...................................................................................................... 17
3.1.1
RESETN and PHY_RESETN – Hardware Reset
.......................................................... 17
3.1.2
ULPI Reset – Software Reset
................................................................................. 18
3.1.3
OUT_ENABLE - Output Enable
.............................................................................. 18
3.1.4
Power Up Sequence
........................................................................................... 18
3.2
Clocks
....................................................................................................................... 19
3.2.1
Clock Distribution
............................................................................................... 19
3.2.2
Output Clock
.................................................................................................... 19
3.3
Power Management
....................................................................................................... 19
3.3.1
USB Power Management
...................................................................................... 19
3.4
Receiver Status
............................................................................................................ 20
3.4.1
Clock Tolerance Compensation
.............................................................................. 20
3.4.2
Receiver Detection
............................................................................................. 21
3.4.3
8b/10b Decode Errors
.......................................................................................... 21
3.4.4
Elastic Buffer Errors
............................................................................................ 21
3.4.5
Disparity Errors
................................................................................................. 21
3.5
Loopback
................................................................................................................... 22
4
REGISTERS
...................................................................................................................... 23
4.1
Register Definitions
........................................................................................................ 23
4.2
Register Map
............................................................................................................... 23
4.2.1
Vendor ID and Product ID (00h-03h)
........................................................................ 23
4.2.2
Function Control (04h-06h)
.................................................................................... 24
4.2.3
Interface Control (07h-09h)
.................................................................................... 25
4.2.4
Debug (15h)
..................................................................................................... 25
4.2.5
Scratch Register (16-18h)
..................................................................................... 25
5
DESIGN GUIDELINES
......................................................................................................... 26
5.1
Chip Connection on PCB
................................................................................................. 26
2
Contents
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com