Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 15Page - Texas Instruments TUSB1310 Datasheet HTML 16Page - Texas Instruments TUSB1310 Datasheet HTML 17Page - Texas Instruments TUSB1310 Datasheet HTML 18Page - Texas Instruments TUSB1310 Datasheet HTML 19Page - Texas Instruments TUSB1310 Datasheet HTML 20Page - Texas Instruments TUSB1310 Datasheet HTML 21Page - Texas Instruments TUSB1310 Datasheet HTML 22Page - Texas Instruments TUSB1310 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
3.2
Clocks
3.2.1
Clock Distribution
A source clock should be provided via XI/XO from an external crystal or from a square wave clock. The
USB3.0 PLL provides a clock to the PIPE which drives 250 MHz. The USB2.0 PLL provides a 60-MHz
clock to the ULPI.
3.2.2
Output Clock
The CLKOUT is used by the link layer controller or the MAC. When ClkoutEn bit at the ULPI SS USB
register is set low, a 120-MHz clock is available via the CLKOUT only in the USB U3 power state. If the
ClkoutEn bit is set high, the 250-MHz clock is driven via CLKOUT in all power states.
3.3
Power Management
The SuperSpeed USB power state transition is controlled by the PIPE POWER_DOWN1-0 and the
non-SuperSpeed USB power state is transitioned by setting suspendM bit in the ULPI Function control
register via the ULPI or by asserting the ULPI_STP.
3.3.1
USB Power Management
The USB 3.0 specification improves power consumption by defining 4 power states, U0, U1, U2, and U3
while the PIPE specification defines P0, P1, P2 and P3. The POWER_DOWN pin states are mapped to
LTSSM states as described in Table 2-10. For all power state transitions, the link layer controller must not
begin any operational sequences or further power state transitions until the TUSB1310 has indicated that
the internal state transition is completed.
Table 3-2. Power States
PIPE
USB POWER
POWER
PCLK
PLL
TRANSMITTING
RECEIVING
PHY_STATUS
STATE
STATE
U0, all other LTSSM
A single cycle
P0
On
On
Active or Idle or LFPS
Active or Idle
states
assertion
A single cycle
P1
U1
On
On
Idle or LFPS
Idle
assertion
U2, RxDetect,
A single cycle
P2
On
On
Idle or LFPS or RxDetect
Idle
SS.Inactive
assertion
PHY_STATUS is
Off. The
asserted before
PIPE is in
PCLK is turned off
P3
U3, SS.disabled
an
Off
LFPS or RxDetect
Idle
and deasserted
asynchrono
when PCLK is fully
us mode
off.
When the link layer controller wants to transmit LFPS in P1, P2, or P3 state, it must de-assert
TX_ELECIDLE. The TUSB1310 generates valid LFPS until the TX_ELECIDLE is asserted. The link layer
controller must assert TX_ELECIDLE before transitioning to P0.
When RX_ELECIDLE is de-asserted in P0, P1, P2, or P3, the TUSB1310 receiver monitors for LFPS
except during reset or when RX_TERMINATION is removed for electrical idle.
When the TUSB1310 is in P0 and is actively transmitting; only RX_POLARITY can be asserted.
Copyright © 2009–2010, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
19
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com