Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 7Page - Texas Instruments TUSB1310 Datasheet HTML 8Page - Texas Instruments TUSB1310 Datasheet HTML 9Page - Texas Instruments TUSB1310 Datasheet HTML 10Page - Texas Instruments TUSB1310 Datasheet HTML 11Page - Texas Instruments TUSB1310 Datasheet HTML 12Page - Texas Instruments TUSB1310 Datasheet HTML 13Page - Texas Instruments TUSB1310 Datasheet HTML 14Page - Texas Instruments TUSB1310 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
Table 2-2. PIPE Signal Description (continued)
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
RX_DATA15
B9
RX_DATA14
A9
RX_DATA13
A8
RX_DATA12
B8
RX_DATA11
B5
RX_DATA10
B4
RX_DATA9
A4
Parallel USB SuperSpeed data output bus.
RX_DATA8
B3
O
The 16 bits represent 2 symbols of receive data where RX_DATA7-0 is the first symbol
RX_DATA7
A3
received, and RX_DATA15-8 is the second.
RX_DATA6
A2
RX_DATA5
B1
RX_DATA4
C2
RX_DATA3
C1
RX_DATA2
D1
RX_DATA1
D2
RX_DATA0
E2
RX_DATAK1
B7
Data/Control for the symbols of receive data. RX_DATAK0 corresponds to the low-byte of
O
RX_DATA, RX_DATAK1 to the upper byte. A value of zero indicates a data byte; a value
RX_DATAK0
A7
of 1 indicates a control byte.
RX_VALID
O
F1
Active High. Indicates symbol lock and valid data on RX_DATA and RX_DATAK.
CONTROL AND STATUS SIGNALS
PHY_RESETN
I, PU
J3
Active Low. Resets the transmitter and receiver. This signal is asynchronous.
Active High. Used to tell the PHY to begin a receiver detection operation or to begin
TX_DETRX_LPBK
I, PD
M6
loopback.
TX_ELECIDLE
I
K3
Active High. Forces TX output to electrical idle depending on the power state.
S, I/O,
Active High. While de-asserted with the PHY in P0, P1, P2, or P3, indicates detection of
RX_ELECIDLE
F3
PD
LFPS.
Encodes receiver status and error codes for the received data stream when receiving
RX_STATUS2
C7
data.
O
RX_STATUS1
C6
BIT 2
BIT 1
BIT 0
DESCRIPTION
RX_STATUS0
C5
0
0
0
Received data OK
0
0
1
1 SKP ordered set added
0
1
0
1 SKP ordered set removed
0
1
1
Receiver detected
1
0
0
8B/10B decode error
1
0
1
Elastic buffer overflow
Elastic buffer underflow.
1
1
0
This error code is not used if the elasticity buffer is
operating in the nominal buffer empty mode.
1
1
1
Receive disparity error
POWER_DOWN1
G3
Power up and down the transceiver power states.
I
POWER_DOWN0
H3
BIT 1
BIT 0
DESCRIPTION
0
0
P0, normal operation
0
1
P1, low recovery time latency, power saving state
1
0
P2, longer recovery time latency, low power state
1
1
P3, lowest power state
When transitioning from P3 to P0, the signaling is asynchronous.
Copyright © 2009–2010, Texas Instruments Incorporated
PIN DESCRIPTIONS
11
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com