Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1310 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310
Description  USB 3.0 Transceiver Data Manual
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB1310 Datasheet HTML 21Page - Texas Instruments TUSB1310 Datasheet HTML 22Page - Texas Instruments TUSB1310 Datasheet HTML 23Page - Texas Instruments TUSB1310 Datasheet HTML 24Page - Texas Instruments TUSB1310 Datasheet HTML 25Page - Texas Instruments TUSB1310 Datasheet HTML 26Page - Texas Instruments TUSB1310 Datasheet HTML 27Page - Texas Instruments TUSB1310 Datasheet HTML 28Page - Texas Instruments TUSB1310 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
TUSB1310
www.ti.com
SLLSE16B – DECEMBER 2009 – REVISED JUNE 2010
4.2.3
Interface Control (07h-09h)
Address: 07-09h (Read), 07h (Write), 08h (Set), .09h (Clear)
Table 4-5. Interface Control
BITS
NAME
ACCESS
RESET
DESCRIPTION
0
Reserved
Rd
0b
Reserved, only write a 0 to this bit.
1
Reserved
Rd
0b
Reserved, only write a 0 to this bit.
2
Reserved
Rd
0h
Reserved
Active low clock suspend. Valid only in serial mode. Powers down the
internal clock circuitry only. Valid only when SuspendM = 1. The
TUSB1310 must ignore ClockSuspend when SuspendM = 0. By
3
ClockSuspendM
Rd/Wr/S/C
0b
default, the clock will not be powered in serial mode.
0 : Clock will not be powered in serial mode
1 : Clock will be powered in serial mode
6:04
Reserved
Rd
0h
Reserved
Controls internal pullups and pulldowns on the ULPI_STP and the
ULPI_DATA for protecting the ULPI when the link layer controller
Interface protect
tri-states the signals.
7
Rd/Wr/S/C
0
disable
0 enables the pullup and pulldown
1 disables the pullup and pulldown
4.2.4
Debug (15h)
Address: 15h (Read-only)
Table 4-6. Debug
BITS
NAME
ACCESS
RESET
DESCRIPTION
0
LineState0
Rd
0
Contains the current value of LineState0
1
LineState1
Rd
0
Contains the current value of LineState0
07:2
Reserved
Rd
0
Reserved
4.2.5
Scratch Register (16-18h)
Address: 16-18h (Read), .16h (Write), .17h (Set), .18h (Clear)
Table 4-7. Scratch Register
BITS
NAME
ACCESS
RESET
DESCRIPTION
Empty register byte for testing purposes. Software can read, write, set,
7:0
Scratch
Rd/Wr/S/C
00
and clear this register and the TUSB1310 functionality will not be
affected.
Copyright © 2009–2010, Texas Instruments Incorporated
REGISTERS
25
Submit Documentation Feedback
Product Folder Link(s): TUSB1310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com