Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV102011 Datasheet(PDF) 23 Page - Microchip Technology

Part # DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Datasheet(HTML) 23 Page - Microchip Technology

Back Button DV102011 Datasheet HTML 19Page - Microchip Technology DV102011 Datasheet HTML 20Page - Microchip Technology DV102011 Datasheet HTML 21Page - Microchip Technology DV102011 Datasheet HTML 22Page - Microchip Technology DV102011 Datasheet HTML 23Page - Microchip Technology DV102011 Datasheet HTML 24Page - Microchip Technology DV102011 Datasheet HTML 25Page - Microchip Technology DV102011 Datasheet HTML 26Page - Microchip Technology DV102011 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 19
7.15.3 Calibrate - 0x14
Enter “calibration” mode. This instructs the controller to enter a mode of accepting the next four touches as the
calibration point coordinates. See section Calibration of Touch Sensor with Controller for an example.
Completion of calibration mode will automatically store the calibration point coordinates in on-board controller
memory and set (to 1) the CCE bit of the TouchOptions register. This bit enables the controller to report touch
coordinates that have been processed with the pre-collected calibration data.
The “calibration” mode will be cancelled by sending any command before the mode has been completed.
Send
: <0x55><0x02><0x14><Calibration Type>
Calibration Type
Description
0x04
4 point
Receive : <0x55><0x02><Response><0x14>
for initial command response
<0x55><0x02><Response><0x14>
for response to 1
st target touch release
<0x55><0x02><Response><0x14>
for response to 2
nd target touch release
<0x55><0x02><Response><0x14>
for response to 3
rd target touch release
<0x55><0x02><Response><0x14>
for response to 4
th target touch release
To provide for proper touch orientation, the four sequential calibration touches must be input in the following
physical order on the touch sensor.
# 1
# 2
Upper Left
Upper Right
Touch Sensor
# 4
# 3
Lower Left
Lower Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com