Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV102011 Datasheet(PDF) 16 Page - Microchip Technology

Part # DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Datasheet(HTML) 16 Page - Microchip Technology

Back Button DV102011 Datasheet HTML 12Page - Microchip Technology DV102011 Datasheet HTML 13Page - Microchip Technology DV102011 Datasheet HTML 14Page - Microchip Technology DV102011 Datasheet HTML 15Page - Microchip Technology DV102011 Datasheet HTML 16Page - Microchip Technology DV102011 Datasheet HTML 17Page - Microchip Technology DV102011 Datasheet HTML 18Page - Microchip Technology DV102011 Datasheet HTML 19Page - Microchip Technology DV102011 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
DS41393A-Page 12
© 2009 Microchip Technology, Inc.
7.12 Configuration Registers
The Configuration Registers allow application specific customization of the controller. The default values have
been optimized for most applications and are automatically used, unless you choose to change them.
Unique sensors and/or product applications may benefit from adjustment of configuration registers.
The factory default settings for the Configuration registers can be recovered by writing a value of 0xFF to address
0x00 of the EEPROM, then cycling power.
Register Name
Address
Offset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
TouchThreshold
0x02
Value of: 0-255
0xC5
SensitivityFilter
0x03
Value of: 0-255
0x04
SamplingFast
0x04
Value of: 1, 2, 4, 8, 16, 32, 64, 128
0x04
SamplingSlow
0x05
Value of: 1, 2, 4, 8, 16, 32, 64, 128
0x10
AccuracyFilterFast
0x06
Value of: 1-8
0x02
AccuracyFilterSlow
0x07
Value of: 1-8
0x08
SpeedThreshold
0x08
Value of: 0-255
0x04
SleepDelay
0x0A
Value of: 0-255
0x64
PenUpDelay
0x0B
Value of: 0-255
0x80
TouchMode
0x0C
PD2
PD1
PD0
PM1
PM0
PU2
PU1
PU0
0xB1
TouchOptions
0x0D
–
–
–
–
–
–
48W
CCE
0x00
CalibrationInset
0x0E
Value of: 0-40
0x19
PenStateReportDelay
0x0F
Value of: 0-255
0xC8
TouchReportDelay
0x11
Value of: 0-255
0x00
Table 8 : Configuration Registers
Configuration registers are defined as an Offset value from the Start address for the register group.
To read or write to a register, do the following.
1) Issue the <Register Start Address Request> command to obtain the Start address for the register group.
2) Calculated the desired register’s absolute address by adding the register’s Offset value to Start address for
the register group.
3) Issue the <Register Read> or <Register Write> command, using the calculated register’s absolute address.
7.12.1 TouchThreshold Register (offset 0x02)
The TouchThreshold register sets the threshold for a touch condition to be detected as a touch. A touch is
detected if it is below the TouchThreshold setting. Too small of a value might prevent the controller from
accepting a real touch, while too large of a value might allow the controller to accept very light or false touches
conditions. Valid values are as follows.
0 ≤ TouchThreshold ≤ 255
7.12.2 SensitivityFilter Register (offset 0x03)
The SensitivityFilter register sets the level of touch sensitivity. A higher value is more sensitive to a touch
(accepts a lighter touch), but may exhibit a less stable touch position. A lower value is less sensitive to a touch
(requires a harder touch), but will provide a more stable touch position. Valid values are as follows.
0 ≤ SensitivityFilter ≤ 255
Warning: Use of invalid register value will yield unpredictable results!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com