Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV102011 Datasheet(PDF) 11 Page - Microchip Technology

Part # DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Datasheet(HTML) 11 Page - Microchip Technology

Back Button DV102011 Datasheet HTML 7Page - Microchip Technology DV102011 Datasheet HTML 8Page - Microchip Technology DV102011 Datasheet HTML 9Page - Microchip Technology DV102011 Datasheet HTML 10Page - Microchip Technology DV102011 Datasheet HTML 11Page - Microchip Technology DV102011 Datasheet HTML 12Page - Microchip Technology DV102011 Datasheet HTML 13Page - Microchip Technology DV102011 Datasheet HTML 14Page - Microchip Technology DV102011 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 7
7.6
8-wire Touch Sensor Interface
Sensor tail pin-outs can vary by manufacturer and part number. Ensure both sensor tail pins for one sensor axis
(layer) are connected to the controller’s X–/X+ pins and the tail pins for the other sensor axis (layer) are
connected to the controller’s Y–/Y+ pins. The controller’s X–/X+ and Y–/Y+ pin pairs do not need to connect to a
specific sensor axis. The orientation of controller pins X– and X+ to the two sides of a given sensor axis is not
important. Likewise, the orientation of controller pins Y– and Y+ to the two sides of the other sensor axis is not
important.
The 8-wire sensor differs from a 4-wire sensor in that each edge of an 8-wire sensor has a secondary connection
brought to the sensor’s tail. These secondary connections are referred to as “sense” lines. The controller pins
associated with the sense line for an 8-wire sensor contain an ‘S’ prefix in their respective names. For example,
the SY– pin is the sense line connection associated with the main Y– pin connection.
Consult with the sensor manufacturer’s specification to determine which member of each edge connected pair is
the special 8-wire “sense” connection. The controller requires that the main and “sense” tail pin pairs for sensor
edges be connected to controller pin pairs as follows.
Y– and SY–
Y+ and SY+
X– and 5WSX–
X+ and SX+
Connections to a 8-wire touch sensor are as follows.
Figure 6 : 8-wire Touch Sensor Interface
The capacitance of alternate ESD diodes may adversely affect touch performance. A lower
capacitance is better. The PESD5V0S1BA parts shown in the reference design have a typical
capacitance of 35pF. Test to ensure that selected ESD protection does not degrade touch
performance.
ESD protection is shown in the reference design, but acceptable protection is dependent on your
specific application. Ensure your ESD solution meets your design requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com