Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV102011 Datasheet(PDF) 19 Page - Microchip Technology

Part # DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Datasheet(HTML) 19 Page - Microchip Technology

Back Button DV102011 Datasheet HTML 15Page - Microchip Technology DV102011 Datasheet HTML 16Page - Microchip Technology DV102011 Datasheet HTML 17Page - Microchip Technology DV102011 Datasheet HTML 18Page - Microchip Technology DV102011 Datasheet HTML 19Page - Microchip Technology DV102011 Datasheet HTML 20Page - Microchip Technology DV102011 Datasheet HTML 21Page - Microchip Technology DV102011 Datasheet HTML 22Page - Microchip Technology DV102011 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 15
7.12.10 TouchMode Register (offset 0x0C)
The TouchMode register configures the action taken for various touch states.
There are three states of touch for which the controller touch reporting action can be independently controlled.
Touch States:
1) Pen down (initial touch)
User defined 0-3 touch reports, with selectable pen states.
2) Pen Movement (touch movement after initial touch)
User defined no touch reports or streaming touch reports, with selectable pen states.
3) Pen Up (touch release)
User defined 0-3 touch reports, with selectable pen states.
Every touch report include a “P” (Pen) bit that indicates the pen state.
Pen Down
: P = 1
Pen Up
: P = 0
R = Readable bit, W = Writable bit, U = Unimplemented bit read as ‘0’
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PD2
PD1
PD0
PM1
PM0
PU2
PU1
PU0
Bit 7
Bit 0
bit 7-5 PD<7:5>: Pen Down State bits (action taken upon pen down).
000 = No Touch Report
001 = Touch Report with P=0
010 = Touch Report with P=1
011 = Touch Report with P=1, then Touch Report with P=0
100 = Touch Report with P=0, then Touch Report with P=1, then Touch Report with P=0
101 = Touch Report with P=0, then Touch Report with P=1
bit 4-3 PM<4:3>: Pen Movement State bits (action taken upon pen movement).
00 = No Touch Report
01 = Touch Report with P=0
10 = Touch Report with P=1
bit 2-0 PU<2:0>: Pen Up State bits (action taken upon pen up).
000 = No Touch Report
001 = Touch Report with P=0
010 = Touch Report with P=1
011 = Touch Report with P=1, then Touch Report with P=0
100 = Touch Report with P=0, then Touch Report with P=1, then Touch Report with P=0
101 = Touch Report with P=0, then Touch Report with P=1
A couple of typical setup examples for the TouchMode are as follows.
Report a pen down P=1 on initial touch, followed by reporting a stream of pen downs P=1 during the touch,
followed by a final pen up P=0 on touch release. TouchMode = 0b01010001 = 0x51
Report a pen up P=0 then a pen down P=1 on initial touch, followed by reporting a stream of pen downs P=1
during the touch, followed by a final pen up P=0 on touch release. TouchMode = 0b10110001 = 0xB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com