Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV102011 Datasheet(PDF) 25 Page - Microchip Technology

Part # DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Datasheet(HTML) 25 Page - Microchip Technology

Back Button DV102011 Datasheet HTML 21Page - Microchip Technology DV102011 Datasheet HTML 22Page - Microchip Technology DV102011 Datasheet HTML 23Page - Microchip Technology DV102011 Datasheet HTML 24Page - Microchip Technology DV102011 Datasheet HTML 25Page - Microchip Technology DV102011 Datasheet HTML 26Page - Microchip Technology DV102011 Datasheet HTML 27Page - Microchip Technology DV102011 Datasheet HTML 28Page - Microchip Technology DV102011 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 21
7.15.4 Register Read - 0x20
Read a value from a controller register location. This can be used to determine a controller configuration setting.
Configuration registers are defined as an Offset value from the Start address for the register group. Read a
register as follows.
1) Issue the <Register Start Address Request> command to obtain the Start address for the register group.
2) Calculate the desired register’s absolute address by adding the register’s Offset value to Start address for the
register group.
3) Issue this <Register Read> command, as follows, using the calculated register’s absolute address
Send
: <0x55><0x04><0x20><Register Address High byte><Register Address Low byte><# of Registers to Read>
# of Registers to Read
: 0x01 thru 0x08
Register Address High byte
: 0x00
Receive : <0x55><0x02 + # of Registers Read><Response><0x20><Register value>…<Register value>
7.15.5 Register Write - 0x21
Write a value to a controller register location. This can be used to change a controller configuration setting.
Configuration registers are defined as an Offset value from the Start address for the register group. Write a
register as follows.
1) Issue the <Register Start Address Request> command to obtain the Start address for the register group.
2) Calculate the desired register’s absolute address by adding the register’s Offset value to Start address for the
register group.
3) Issue this <Register Write> command, as follows, using the calculated register’s absolute address
Send: <0x55><0x04 + # Registers to Write><0x21><Register Address High byte><Register Address Low byte>
<# of Registers to Write><Data>…<Data>
# of Registers to Write
: 0x01 thru 0x08
Register Address High byte
: 0x00
Receive : <0x55><0x02><Response><0x21>
7.15.6 Register Start Address Request - 0x22
Configuration registers are defined as an Offset value from the Start address for the register group. This
command returns the Start address for the register group.
Send
: <0x55><0x01><0x22>
Receive : <0x55><0x03><Response><0x22><Register Start Address>
7.15.7 Registers Write to EEPROM - 0x23
Save Configuration Register values to EEPROM. This allows the controller to remember configurations settings
through controller power cycles.
Send
: <0x55><0x01><0x23>
Receive : <0x55><0x02><Response><0x23>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com