Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV102011 Datasheet(PDF) 31 Page - Microchip Technology

Part # DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Datasheet(HTML) 31 Page - Microchip Technology

Back Button DV102011 Datasheet HTML 27Page - Microchip Technology DV102011 Datasheet HTML 28Page - Microchip Technology DV102011 Datasheet HTML 29Page - Microchip Technology DV102011 Datasheet HTML 30Page - Microchip Technology DV102011 Datasheet HTML 31Page - Microchip Technology DV102011 Datasheet HTML 32Page - Microchip Technology DV102011 Datasheet HTML 33Page - Microchip Technology DV102011 Datasheet HTML 34Page - Microchip Technology DV102011 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 27
8.4
8-Wire Sensor
An 8-wire resistive touch sensor consist of a Stable and Flex layer, electrically separated by spacer dots. The
layers are assembled perpendicular to each other. The touch position is determined by first applying a voltage
gradient across the flex layer and using the stable layer to measure the flex layer’s touch position voltage. The
second step is applying a voltage gradient across the stable layer and using the flex layer to measure the stable
layer’s touch position voltage.
The measured voltage at any position across a driven axis is predictable. A touch moving in the direction of the
driven axis will yield a linearly changing voltage. A touch moving perpendicular to the driven axis will yield a
relatively unchanging voltage.
The basic decoding of an 8-wire sensor is similar to a 4-wire. The difference is that an 8-wire sensor has four
additional interconnects used to reference sensor voltage back to the controller.
A touch system may experience voltage losses due resistance changes in the bus bars and connection between
the controller and sensor. The losses can vary with product use, temperature, and humidity.
In a 4-wire sensor, variations in the losses manifest themselves as error or drift in the reported touch location. An
8-wire touch sensor automatically adjusts for the changes, with the additional four reference lines. The reference
lines allow the controller to know what the voltage is, at the touch sensor bus bars.
Figure 15: 8-Wire Decoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com