Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV102011 Datasheet(PDF) 26 Page - Microchip Technology

Part # DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Datasheet(HTML) 26 Page - Microchip Technology

Back Button DV102011 Datasheet HTML 22Page - Microchip Technology DV102011 Datasheet HTML 23Page - Microchip Technology DV102011 Datasheet HTML 24Page - Microchip Technology DV102011 Datasheet HTML 25Page - Microchip Technology DV102011 Datasheet HTML 26Page - Microchip Technology DV102011 Datasheet HTML 27Page - Microchip Technology DV102011 Datasheet HTML 28Page - Microchip Technology DV102011 Datasheet HTML 29Page - Microchip Technology DV102011 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
DS41393A-Page 22
© 2009 Microchip Technology, Inc.
7.15.8 EEPROM Read - 0x28
The controller has 256 bytes of on-board EEPROM.
The first 128 bytes (address range 0x00–0x7F) are reserved by the controller for the configuration register
settings and calibration data.
The second 128 bytes (address range 0x80–0xFF) are provided for the user’s application, if desired.
This command provides a means to read values from the EEPROM.
Send
: <0x55><0x04><0x28><EEPROM Address High byte><EEPROM Address Low byte><# of EEPROM to Read>
# of EEPROM to Read
: 0x01 thru 0x08
EEPROM Address High byte : 0x00
Receive : <0x55><0x02 + # EEPROM Read><Response><0x28><EEPROM value>…<EEPROM value>
7.15.9 EEPROM Write - 0x29
The controller has 256 bytes of on-board EEPROM.
The first 128 bytes (address range 0x00–0x7F) are reserved by the controller for the configuration register
settings and calibration data.
The second 128 bytes (address range 0x80–0xFF) are provided for the user’s application, if desired.
This command provides a means to write values to the EEPROM.
Write to EEPROM as follows.
Send: <0x55><0x04 + # EEPROM to Write><0x29><EEPROM Address High byte><EEPROM Address Low byte>
<# of EEPROM to Write><Data>…<Data>
# of EEPROM to Write
: 0x01 thru 0x08
EEPROM Address High byte : 0x00
Receive : <0x55><0x02><Response><0x29>
7.15.10 EEPROM Write to Registers - 0x2B
Write applicable EEPROM data to Configuration Registers. This will cause the controller to immediately begin
using changes made to EEPROM stored Configuration Register values. A power cycle of the controller will
automatically cause the controller to use changes made to the EEPROM stored Configuration Register values,
without the need for issuing this command. This command eliminates the need for the power cycle.
Send
: <0x55><0x01><0x2B>
Receive : <0x55><0x02><Response><0x2B>
Warning: ONLY write to user EEPROM addresses of 0x80–0xFF.
One of the following actions is required for EEPROM changes to be used by the controller.
The controller power must be cycled from OFF to ON
or
Issue the “EEPROM Write to Registers” command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com