Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV102011 Datasheet(PDF) 15 Page - Microchip Technology

Part # DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Datasheet(HTML) 15 Page - Microchip Technology

Back Button DV102011 Datasheet HTML 11Page - Microchip Technology DV102011 Datasheet HTML 12Page - Microchip Technology DV102011 Datasheet HTML 13Page - Microchip Technology DV102011 Datasheet HTML 14Page - Microchip Technology DV102011 Datasheet HTML 15Page - Microchip Technology DV102011 Datasheet HTML 16Page - Microchip Technology DV102011 Datasheet HTML 17Page - Microchip Technology DV102011 Datasheet HTML 18Page - Microchip Technology DV102011 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 11
7.9
ESD Considerations
ESD protection is shown on the 4-wire, 5-wire, and 8-wire interface applications schematics.
7.10 Noise Considerations
Touch sensor filtering capacitors are included in the reference design.
Warning: Changing the value of the capacitors may adversely affect performance of the touch system.
7.11 Touch Reporting Protocol
Touch coordinates are sent from the controller to the host system in a 5-byte data packet, which contains the X-
axis coordinate, Y-axis coordinate, and a “Pen-Up/Down” touch status.
The range for X-axis and Y-axis coordinates is from 0-4095 (12-bit). The realized resolution is 1024, as this
product currently defines, in a non-calibrated state, bits X1:X0 and Y1:Y0 as zeros.
It is recommended that applications be developed to read the 12-bit coordinates from the packet and use them in
a 12-bit format. This enhances the application robustness, as it will work with either 10 or 12 bits of coordinate
information.
The touch coordinate reporting protocol is shown below.
Byte #
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
1
R
R
R
R
R
R
P
2
0
X6
X5
X4
X3
X2
X1
X0
3
0
0
0
X11
X10
X9
X8
X7
4
0
Y6
Y5
Y4
Y3
Y2
Y1
Y0
5
0
0
0
Y11
Y10
Y9
Y8
Y7
Table 7 : Touch Coordinate Reporting Protocol
where:
P
: 0 Pen-Up, 1 Pen-Down
R
: Reserved
X11-X0 : X-axis coordinate
Y11-Y0 : Y-axis coordinate
The capacitance of alternate ESD diodes may adversely affect touch performance. A lower
capacitance is better. The PESD5V0S1BA parts shown in the reference design have a typical
capacitance of 35pF. Test to ensure that selected ESD protection does not degrade touch
performance.
ESD protection is shown in the reference design, but acceptable protection is dependent on your
specific application. Ensure your ESD solution meets your design requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com