Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DV102011 Datasheet(PDF) 5 Page - Microchip Technology

Part # DV102011
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DV102011 Datasheet(HTML) 5 Page - Microchip Technology

  DV102011 Datasheet HTML 1Page - Microchip Technology DV102011 Datasheet HTML 2Page - Microchip Technology DV102011 Datasheet HTML 3Page - Microchip Technology DV102011 Datasheet HTML 4Page - Microchip Technology DV102011 Datasheet HTML 5Page - Microchip Technology DV102011 Datasheet HTML 6Page - Microchip Technology DV102011 Datasheet HTML 7Page - Microchip Technology DV102011 Datasheet HTML 8Page - Microchip Technology DV102011 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
© 2009 Microchip Technology, Inc.
DS41393A-Page 1
1
GENERAL
The mTouch AR1000 Series Resistive Touch Screen Controller is a complete, easy to integrate, cost effective,
and universal touch screen controller chip solution.
The AR1000 Series is designed for high volume, small form factor touch solutions with quick time to market
requirements.
Developed by touch experts with over 15 years experience, the AR1000 Series has sophisticated proprietary
touch screen decoding algorithms allowing it to send your application fully processed and reliable touch
coordinates.
2
FEATURES
Special Features:
• RoHS Compliant
• Power-Saving Sleep mode
• Industrial Temperature Range
• Built in drift compensation algorithm
• 128 Bytes of user EEPROM
• 4 x 4 mm QFN package
Power Requirements:
• Operating Voltage: 3.3 to 5.0 volts ±5%
• Standby Sleep Current: <1uA
• Operating “No touch” Current: 3.0mA typ.
• Operating “Touch” Current: 17mA typ
with a touch sensor having 200Ω layers.
- Actual current is dependent on the touch sensor used.
Touch Modes:
• Off, Stream, Down, Up, and more.
Touch Sensor Support:
• 4 wire, 5 wire, and 8 wire analog resistive
• Lead to Lead Resistance: 50Ω to 2,000Ω
• Layer to Layer Capacitance: 0 to 0.5uF
• Touch Sensor Time Constant: 500us maximum
Touch Resolution:
• 10-bit resolution maximum
Touch Coordinate Report Rate:
• 140 reports per second typ.
with a touch sensor of 0.02uF with 200Ω layers.
- Actual report rate is dependent on the touch sensor used.
Communications:
• SPI, slave mode, p/n AR1020
• I
2C™, slave mode, p/n AR1020
• UART, 9600 bps, p/n AR1010
Sensor Support
All 4, 5, and 8-wire sensors are supported, regardless of manufacturer or construction.
See BASICS OF RESISTIVE SENSORS section.
Low-Power Wake-Up
Wake-up from power saving sleep mode, via a touch or communication input.
Configuration Registers
Configuration registers provide user configuration of controller features.
See Configuration Registers section.
Touch Algorithms
Algorithms provide for good calibration-corrected coordinates, with no additional development or code.
Touch decoding
Coordinate data filtering
Calibration corrected coordinate option
Built-in touch modes
Communication Control
AR1010 supports UART communication. AR1020 supports I2C and SPI communication.
See Communication Interface section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com