Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031ARQZ-R7 Datasheet(PDF) 6 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ADM1031ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ADM1031
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Temperature Error vs. Differential−Mode
Noise Frequency
Figure 10. Standby Supply Current vs. Supply
Voltage
Figure 11. Local Sensor Temperature Error
Figure 12. Remote Temperature Sensor Error
Figure 13. Supply Current vs. Supply Voltage
Figure 14. Response to Thermal Shock
7
–1
0
FREQUENCY (Hz)
100k
1M
100M
200M
300M
400M
500M
6
VIN = 30mV p−p
VIN = 20mV p−p
5
4
3
2
1
0
200
–20
0
SUPPLY VOLTAGE (V)
180
160
140
80
60
40
20
0
1.1
1.3
1.5
1.7
1.9
2.1
2.5
2.9
4.5
ADD = VCC
ADD = GND
ADD = Hi−Z
120
100
0.08
––0.80
0
TEMPERATURE (°C)
0
–0.08
–0.16
–0.40
–0.48
–0.56
20
40
60
80
85
100
105
120
–0.24
–0.32
–0.64
–0.72
0.08
––0.80
0
TEMPERATURE (°C)
0
–0.08
–0.16
–0.40
–0.48
–0.56
20
40
60
80
85
100
105
120
–0.24
–0.32
–0.64
–0.72
1.30
0.80
2.0
SUPPLY VOLTAGE (V)
5.0
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8
120
0
0
TIME (Sec)
10
110
100
123
456
789
90
80
70
60
50
40
30
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com