Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031ARQZ-R7 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 4 Page - ON Semiconductor

  ADM1031ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ADM1031
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1)
Parameter
Unit
Max
Typ
Min
Test Conditions/Comments
OPEN−DRAIN SERIAL DATA BUS OUTPUT (SDA)
Output Low Voltage, VOL
IOUT = –6.0 mA; VCC = 3.0 V
0.4
V
High−Level Output Leakage Current, IOH
VOUT = VCC
0.1
1.0
mA
SERIAL BUS DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS (Note 2) (ADD, THERM, TACH1/2)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
DIGITAL INPUT LEAKAGE CURRENT
Input High Current, IIH
VIN = VCC
–1.0
mA
Input Low Current, IIL
VIN = 0
1.0
mA
Input Capacitance, CIN
5.0
pF
FAN RPM−TO−DIGITAL CONVERTER
Accuracy
60°C ≤ TA ≤ 100°C
±6.0
%
Full−Scale Count
255
TACH Nominal Input RPM
Divisor N = 1, Fan Count = 153
Divisor N = 2, Fan Count = 153
Divisor N = 4, Fan Count = 153
Divisor N = 8, Fan Count = 153
4400
2200
1100
550
RPM
Conversion Cycle Time
637
ms
SERIAL BUS TIMING (Note 3)
Clock Frequency, fSCLK
See Figure 2
10
100
kHz
Glitch Immunity, tSW
See Figure 2
50
ns
Bus Free Time, tBUF
See Figure 2
4.7
ms
Start Setup Time, tSU;STA
See Figure 2
4.7
ms
Start Hold Time, tHD;STA
See Figure 2
4.0
ms
Stop Condition Setup Time, tSU;STO
See Figure 2
4.0
ms
SCL Low Time, tLOW
See Figure 2
1.3
ms
SCL High Time, tHIGH
See Figure 2
4.0
50
ms
SCL, SDA Rise Time, tR
See Figure 2
1000
ns
SCL, SDA Fall Time, tF
See Figure 2
300
ns
Data Setup Time, tSU;DAT
See Figure 2
250
ns
Data Hold Time, tHD;DAT
See Figure 2
300
ns
1. Typicals are at TA = 25°C and represent most likely parametric norm. Shutdown current typ is measured with VCC = 3.3 V.
2. ADD is a three−state input that can be pulled high, low, or left open−circuit.
3. Timing specifications are tested at logic levels of VIL = 0.8 V for a falling edge and VIH = 2.2 V for a rising edge.
Figure 2. Diagram for Serial Bus Timing
P
S
tLOW
tR
tF
tHD:STA
tHD:DAT
tSU:DAT
tSU:STA
tHD:STA
tSU:STO
tHIGH
SCL
PS
SDA
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com