Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031ARQZ-R7 Datasheet(PDF) 17 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button ADM1031ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
ADM1031
http://onsemi.com
17
Figure 28. Filtered Mode Algorithm
READ
TEMPERATURE
CALCULATE
NEW PWM
DUTY CYCLE
INCREMENT
PREVIOUS PWM
VALUE BY RAMP
RATE
DECREMENT
PREVIOUS
PWM VALUE
BY RAMP
RATE
IS NEW
PWM VALUE >
PREVIOUS
VALUE?
YES
NO
The filtered mode algorithm calculates a new PWM duty
cycle based on the temperature measured. If the new PWM
duty cycle value is greater than the previous PWM value, the
previous PWM duty cycle value is incremented by either 1,
2, 4, or 8 time slots (depending on the setting of bits <6:5>
of the fan filter register). If the new PWM duty cycle value
is less than the previous PWM value, the previous PWM
duty cycle is decremented by 1, 2, 4, or 8 time slots. Each
time the PWM duty cycle is incremented or decremented, it
is stored as the previous PWM duty cycle for the next
comparison.
What does an increase of 1, 2, 4, or 8 time slots
actually mean in terms of PWM duty cycle?
A ramp rate of 1 corresponds to one time slot, which is
1/240 of the PWM period. In filtered auto fan speed control
mode, incrementing or decrementing by 1 changes the PWM
output duty cycle by 0.416%.
Table 8. Effect of Ramp Rates on PWM_OUT
Ramp Rate
PWM Duty Cycle Change
1
0.416%
2
0.833%
4
1.66%
8
3.33%
So programming a ramp rate of 1, 2, 4, or 8 simply
increases or decreases the PWM duty cycle by the amounts
shown in Table 8, depending on whether the temperature is
increasing or decreasing.
Figure 29 shows remote temperature plotted against
PWM duty cycle for filtered mode. The ADC sample rate is
the highest sample rate; 11.25 kHz. The ramp rate is set to
8, which would correspond to the fastest ramp rate. With
these settings, it took approximately 12 seconds to go from
0% duty cycle to 100% duty cycle (full−speed). The TMIN
value = 32
°C and the TRANGE = 80°C. Even though the
temperature increased very rapidly, the fan gradually ramps
up to full speed.
Figure 29. Filtered Mode with Ramp Rate = 8
140
PWM DUTY CYCLE
0
012
TIME (s)
120
100
80
60
40
20
120
0
100
80
60
40
20
RTEMP
Figure 30 shows how changing the ramp rate from 8 to 4
affects the control loop. The overall response of the fan is
slower. Because the ramp rate is reduced, it takes longer for
the fan to achieve full running speed. In this case, it took
approximately 22 seconds for the fan to reach full speed.
Figure 30. Filtered Mode with Ramp Rate = 4
120
PWM DUTY CYCLE
0
0
22
TIME (s)
110
80
60
40
20
120
140
0
100
80
60
40
20
RTEMP
Figure 31 shows the PWM output response for a ramp rate
of 2. In this instance the fan took about 54 seconds to reach
full running speed.
Figure 31. Filtered Mode with Ramp Rate = 2
140
PWM DUTY CYCLE
0
0
54
TIME (s)
120
100
80
60
40
20
120
0
100
80
60
40
20
RTEMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com