Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031ARQZ-R7 Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADM1031ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
ADM1031
http://onsemi.com
22
Figure 37. Fan Speed Measurement
CLOCK
CONFIG 2
REG. BIT 2
FAN
INPUT
START OF
MONITORING
CYCLE
FAN
MEASUREMENT
PERIOD
In situations where different output drive circuits are used
for fan drive, it can be desirable to invert the PWM drive
signal. Setting Bit 3 of Configuration Register 1 (0
×00) to 1,
inverts the PWM_OUT signal. This makes the PWM_OUT
pin high for 100% duty cycle. Bit 3 of Configuration
Register 1 should generally be set to 1 when using an
n−MOS device to drive the fan.
If using a p−MOS device, Bit 3 of Configuration Register
1 should be cleared to 0.
FAN_FAULTs
The FAN_FAULT output (Pin 8) is an active−low,
open−drain output used to signal fan failure to the system
processor. Writing a Logic 1 to Bit 4 of Configuration
Register 1 (0
×00) enables the FAN_FAULT output pin. The
FAN_FAULT output is enabled by default. The
FAN_FAULT output asserts low only when five consecutive
interrupts are generated by the ADM1031 device due to the
fan running underspeed, or if the fan is completely stalled.
Note that the Fan Tach High Limit must be exceeded by at
least one before a FAN_FAULT can be generated. For
example, if we are only interested in getting a FAN_FAULT
if the fan stalls, then the fan speed value is 0
×FF for a failed
fan. Therefore, we should make the Fan Tach High
Limit = 0
×FE to allow FAN_FAULT to be asserted after five
consecutive fan tach failures.
Figure 38 shows the relationship between INT,
FAN_FAULT, and the PWM drive channel. The
PWM_OUT channel is driving a fan at some PWM duty
cycle, 50% for example, and the fan’s tach signal (or fan
current for a 2−wire fan) is being monitored at the
TACH/AIN pin. Tach pulses are being generated by the fan,
during the high time of the PWM duty cycle train. The tach
is pulled high during the off time of the PWM train because
the fan is connected high−side to the n−MOS device.
Suppose the fan has twice previously failed its fan speed
measurement. Looking at Figure 38, PWM_OUT is brought
high for two seconds, to restart the fan if it has stalled.
Sometime later a third tach failure occurs. This is evident by
the tach signal being low during the high time of the PWM
pulse, causing the fan speed reading register to reach its
maximum count of 255. Since the tach limit has been
exceeded, an interrupt is generated on the INT pin. The fan
fault bit (Bit 1) of Interrupt Status Register 1 (Register 0
×02)
is also asserted. Once the processor has acknowledged the
INT by reading the status register, the INT is cleared.
PWM_OUT is then brought high for another two seconds to
restart the fan. Subsequent fan failures cause INT to be
reasserted and the PWM_OUT signal is brought high for
two seconds (fan spin−up default) each time to restart the
fan. Once the fifth tach failure occurs, the failure is deemed
to be catastrophic and the FAN_FAULT pin is asserted low.
PWM_OUT is brought high to attempt to restart the fan. The
INT pin continues to generate interrupts after the assertion
of FAN_FAULT since tach measurement continues even
after fan failure. Should the fan recover from its failure
condition, the FAN_FAULT signal is negated, and the fan
returns to its normal operating speed.
Figure 39 shows a typical application circuit for the
ADM1031. Temperature monitoring can be based around a
CPU diode or discrete transistor measuring thermal
hotspots. Either 2− or 3−wire fans can be monitored by the
ADM1031, as shown.
Figure 38. Operation of FAN_FAULT and Interrupt Pins
PWM_OUT
TACH/AIN
INT
FAN_FAULT
STATUS REG READ TO
CLEAR INTERRUPT
FULL SPEED
2 SECS
2 SECS
2 SECS
3RD TACH
FAILURE
4TH TACH
FAILURE
5TH TACH
FAILURE
CONTINUING
TACH FAILURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com