Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031ARQZ-R7 Datasheet(PDF) 25 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button ADM1031ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
ADM1031
http://onsemi.com
25
Table 15. Register 0y01 Configuration 2 Power−On Default = 7FH
Bit
Name
R/W
Description
0
PWM 1 En
R/W
Enables Fan 1 PWM output when this bit is a “1.”
1
PWM 2 En
R/W
Enables Fan 2 PWM output when this bit is a “1.”
2
TACH 1 En
R/W
Enables Tach 1 input when set to “1.”
3
TACH 2 En
R/W
Enables Tach 2 input when set to “1.”
4
Loc Temp En
R/W
Enables Interrupts on local temperature channel when set to “1.”
5
Remote 1 Temp En
R/W
Interrupts on Remote 1 Channel when set to “1.” Default is normally enabled, except
when a diode fault is detected on powerup.
6
Remote 2 Temp En
R/W
Enables Interrupts on Remote 2 Channel when set to “1.” Default is normally enabled,
except when a diode fault is detected on powerup.
7
SW Reset
R/W
When set to “1,” resets the device. Self−clears. Powerup Default = 0.
Table 16. Register 0y02 Status Register 1 Power−On Default = 00H
Bit
Name
R/W
Description
0
Alarm 1 Speed
R
This bit is set to “1” when fan is running at alarm speed. Once read, this bit is not
reasserted on next monitoring cycle, even if the fan is still running at alarm speed.
1
Fan 1 Fault
R
This bit is set to “1” if Fan 1 becomes stuck or is running under speed.
2
Remote 1 High
R
“1” indicates Remote 1 high temperature limit has been exceeded. If the temperature
is still outside the Remote 1 Temp High Limit, this bit reasserts on next monitoring
cycle.
3
Remote 1 Low
R
“1” indicates Remote 1 low temperature limit exceeded (below). If the temperature is
still outside the Remote 1 Temp Low Limit, this bit reasserts on next monitoring cycle.
4
Remote 1 THERM
R
“1” indicates Remote 1 temperature THERM limit has been exceeded. This bit is
cleared on a read of Status Register 1.
5
Remote Diode 1 Error
R
This bit is set to “1” if a short or open is detected on the Remote 1 temperature
channel. This test is only done on powerup, and if set to 1 cannot be cleared by
reading the Status Register 1.
6
Local Temp High
R
This bit is set to “1” if a short or open is detected on the Remote 1 temperature
channel. This test is only done on powerup, and if set to 1 cannot be cleared by
reading the Status Register 1.
7
Local Temp Low
R
“1” indicates Local Temp Low Limit has been exceeded (below). If the temperature is
still outside the Local Temp Low Limit, this bit reasserts on next monitoring cycle.
Table 17. Register 0y03 Status Register 2 Powerup Default = 00H
Bit
Name
R/W
Description
0
Alarm 2 Speed
R
This bit is set to “1” when Fan 2 is running at alarm speed. Once read, this bit is not
reasserted on next monitoring cycle, even if the fan is still running at alarm speed.
1
Fan 2 Fault
R
This bit is set to “1” if Fan 2 becomes stuck or is running under speed.
2
Remote 2 High
R
“1” indicates Remote 2 high temperature limit has been exceeded. If the temperature
is still outside the Remote 2 Temp High Limit, this bit reasserts on the next monitoring
cycle.
3
Remote 2 Low
R
“1” indicates Remote 2 low temperature limit exceeded (below). If the temperature is
still outside the Remote 2 Temp Low Limit, this bit reasserts on the next monitoring
cycle.
4
Remote 2 THERM
R
“1” indicates Remote 2 temperature THERM limit has been exceeded. This bit is
cleared on reading Status Register 2.
5
Remote Diode 2 Error
R
This bit is set to “1” if a short or open is detected on the Remote 2 temperature
channel. This test is only done on powerup, and if set to 1 cannot be cleared by
reading Status Register 2.
6
Local THERM
R
“1” indicates local temperature THERM limit has been exceeded. This bit clears on a
read of Status Register 2.
7
THERM
R
Set to “1” when THERM is pulled low as an input. This bit clears on a read of Status
Register 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com