Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031ARQZ-R7 Datasheet(PDF) 29 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button ADM1031ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
ADM1031
http://onsemi.com
29
Table 27. Register 0y0D Local Temperature Offset Power−On Default = 00H
Bit
Name
R/W
Description
<7>
Sign
R/W
When this bit is 0, the local offset is added to the Local Temperature Reading. When
this bit is set to 1, the local offset is subtracted from the Local Temperature Reading.
<3:0>
Local Offset
R
These four bits are used to add an offset to the Local Temperature Reading. These
bits allow an offset value of up to ±15°C to be added to or subtracted from the
temperature reading.
Table 28. Register 0y0E Remote 1 Temperature Offset Power−On Default = 00H
Bit
Name
R/W
Description
<7>
Sign
R/W
When this bit is 0, the remote offset is added to the Remote 1 Temperature Reading.
When this bit is set to 1, the remote offset is subtracted from the Remote 1
Temperature Reading.
<6.4>
Unused
R/W
Unused. Read back 0.
<3:0>
Remote 1 Offset
R/W
These four bits are used to add an offset to the Remote 1 Temperature Reading.
These bits allow an offset value of up to ±15°C to be added to or subtracted from the
temperature reading, depending on the sign bit.
Table 29. Register 0y0F Remote 2 Temperature Offset Power−On Default = 00H
Bit
Name
R/W
Description
<7>
Sign
R/W
When this bit is 0, the remote offset is added to the Remote 2 Temperature Reading.
When this bit is set to 1, the remote offset is subtracted from the Remote 2
Temperature Reading.
<6.4>
Unused
R/W
Unused. Read back 0.
<3:0>
Remote 2 Offset
R/W
These four bits are used to add an offset to the Remote 2 Temperature Reading.
These bits allow an offset value of up to ±15°C to be added to or subtracted from the
temperature reading, depending on the sign bit.
ORDERING INFORMATION
Device Order Number*
Package Type
Package Option
Shipping†
ADM1031ARQZ
16−Lead QSOP
RQ−16
98 Tube
ADM1031ARQZ−REEL
2500 Tape & Reel
ADM1031ARQZ−R7
1000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*These are Pb−Free packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com