Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1031ARQZ-R7 Datasheet(PDF) 24 Page - ON Semiconductor

Part # ADM1031ARQZ-R7
Description  Intelligent Temperature Monitor and Dual PWM Fan Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1031ARQZ-R7 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ADM1031ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1031ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
ADM1031
http://onsemi.com
24
Table 13. Value Registers
Address
R/W
Description
0x06
R
Extended Temperature Resolution (see Table 18).
0x08
R/W
Fan 1 Speed. This register contains the value of the Fan 1 tach measurement.
0x09
R/W
Fan 2 Speed. This register contains the value of the Fan 2 tach measurement.
0x0A
R
Local Temperature Value. This register contains the 8 MSBs of the local temperature measurement.
0x0B
R
Remote 1 Temperature Value. This register contains the 8 MSBs of the Remote 1 temperature reading.
0x0C
R
Remote 2 Temperature Value. This register contains the 8 MSBs of the Remote 2 temperature reading.
0x0D
R/W
Local Temperature Offset. See Table 27. (Power−On Default = 00h)
0x0E
R/W
Remote 1 Temperature Offset. See Table 28. (Power−On Default = 00h)
0x0F
R/W
Remote 2 Temperature Offset. See Table 29. (Power−On Default = 00h)
0x10
R/W
Fan 1 Tach High Limit. This register contains the limit for the Fan 1 tach measurement. Because the tach
circuit counts between pulses, a slow fan results in a large measure value, so exceeding the limit is the
way to detect a slow or stalled fan. (Power−On Default = FFh)
0x11
R/W
Fan 2 Tach High Limit. This register contains the limit for the Fan 2 tach measurement. Because the tach
circuit counts between pulses, a slow fan results in a large measured value, so exceeding the limit is the
way to detect a slow or stalled fan. (Power−On Default = FFh)
0x14
R/W
Local Temperature High Limit (Power−On Default 60°C)
0x15
R/W
Local Temperature Low Limit (Power−On Default 0°C)
0x16
R/W
Local Temperature THERM Limit (Power−On Default 70°C)
0x18
R/W
Remote 1 Temperature High Limit (Power−On Default 80°C)
0x19
R/W
Remote 1 Temperature Low Limit (Power−On Default 0°C)
0x1A
R/W
Remote 1 Temperature THERM Limit (Power−On Default 100°C)
0x1C
R/W
Remote 2 Temperature High Limit (Power−On Default 80°C)
0x1D
R/W
Remote 2 Temperature Low Limit (Power−On Default 0°C)
0x1E
R/W
Remote 2 Temperature THERM Limit (Power−On Default 100°C)
Table 14. Register 0y00 Configuration Register 1 Power−On Default = 90H
Bit
Name
R/W
Description
0
MONITOR
R/W
Setting this bit to a “1” enables monitoring of temperature and enables measurement
of the fan tach signals. (Powerup Default=0)
1
INT Enable
R/W
Setting this bit to a “1” enables the INT output. 1= Enabled 0= Disabled
(Powerup Default=0)
2
TACH/AIN
R/W
Clearing this bit to “0” selects digital fan speed measurement via the TACH pins.
Setting this bit to “1” configures the TACH pins as analog inputs that can measure the
speed of 2−wire fans via a sense resistor. (Powerup Default=0)
3
PWM Invert
R/W
Setting this bit to “1” inverts the PWM signal on the output pins. (Powerup Default=0)
4
FAN_FAULT Enable
R/W
Logic 1 enables FAN_FAULT pin; Logic 0 disables FAN_FAULT output.
(Powerup Default=1)
6−5
PWM Mode
R/W
These two bits control the behavior of the fans in auto fan speed control mode.
00 = Remote Temp 1 controls Fan 1; Remote Temp 2 controls Fan 2.
01 = Remote Temp 1 controls Fan 1 and Fan 2.
10 = Remote Temp 2 controls Fan 1 and Fan 2.
11 = Max of Local Temp and Remote Temp 1 and 2 drives Fans 1 and 2.
These two bits have the following effect in software control mode.
00 = Program PWM duty cycles for Fans 1 and 2.
11 = Program RPM Speeds for Fans 1 and 2.
7
Auto/SW Ctrl
R/W
Logic 1 selects automatic fan speed control; Logic 0 selects SW control. (Powerup
Default = 1). When under software control, PWM duty cycle or RPM values can be
programmed for each fan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com